Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAR0806 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # THAR0806
Description  Through Hole Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

THAR0806 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  THAR0806 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Through Hole Power Inductors
THAR0806 Type
Mechanical Dimension:
RoHS compliant.
High current ( lsat up to 40A ) though hole type.
Magnetically shielded, suitable for hight density mounting.
High energy storage and low DCR.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized
inductors are available to meet your exact requirements.
Features
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
150
B
A
G
G
2x H
E
D
C
F
Electrical Characteristics : At 25 : 100KHz, 1V
oC
1. Lo is the initial inductance and the tolerance is 20%.
2. Isat is the DC current which cause the inductance drop less than 20% of its nominal inductance without current.
O
3. Irms is the DC current which cause the surface temperature of the part increase approximately 45 C.
OO
4. Operating temperature : -40 C to 125 C ( including self-temperature rise ).
RECOMMENDED PAD PATTERNS
UNIT : mm/inch
A = 8.20 / 0.323 Max.
B = 8.20 / 0.323 Max.
C = 3.50
0.5 / 0.138
0.020
D = 6.00 / 0.236 Max.
PART NO.
Isat
(Adc)
Irms
(Adc)
F 0.1
(mm/inch)
G 0.5
(mm/inch)
H Max.
(Mm/inch)
DCR
(m )
8%
(uH)
1
L
2
3
E 0.5
(mm/inch)
THAR0806-R47
0.47
2.6
34
19
6.3 / 0.248
0.8 / 0.031
4.5 / 0.177
1.2 / 0.047
THAR0806-0R6
0.60
2.6
30
19
6.3 / 0.248
0.8 / 0.031
4.5 / 0.177
1.2 / 0.047
THAR0806-0R8
0.80
3.0
27
18
6.3 / 0.248
0.8 / 0.031
4.5 / 0.177
1.2 / 0.047
THAR0806-1R0
1.00
4.7
22
15
6.3 / 0.248
0.7 / 0.028
4.5 / 0.177
1.1 / 0.043
THAR0806-1R2
1.20
4.7
21
15
6.3 / 0.248
0.7 / 0.028
4.5 / 0.177
1.1 / 0.043
THAR0806-1R5
1.50
6.0
15
12
6.8 / 0.268
0.6 / 0.024
5.0 / 0.197
1.0 / 0.039
THAR0806-1R8
1.80
10.4
14
10
6.8 / 0.268
0.5 / 0.020
5.0 / 0.197
0.9 / 0.035
THAR0806-2R0
2.00
10.4
12
9
6.8 / 0.268
0.5 / 0.020
5.0 / 0.197
0.9 / 0.035
THAR0806-2R5
2.50
11.5
10
8
6.8 / 0.268
0.5 / 0.020
5.0 / 0.197
0.9 / 0.035
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
0
10
20
30
40
DC BIAS (A)


Similar Part No. - THAR0806

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
THAR1211C DELTA-THAR1211C Datasheet
185Kb / 1P
Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
Through Hole Power Inductors
THAR1290 DELTA-THAR1290 Datasheet
185Kb / 1P
Through Hole Power Inductors
More results

Similar Description - THAR0806

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
THROUGH-HOLE MOLDED INDUCTORS
logo
Token Electronics Indus...
TC1213 TOKEN-TC1213 Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
Through Hole Power Inductors
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
Through-Hole Inductors
AUG-02-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com