Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAH1075-R68 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # THAH1075-R68
Description  Through Hole Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

THAH1075-R68 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  THAH1075-R68 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Through Hole Power Inductors
THAH1055, 1075, 1085, 1090 & 1095 Type
Mechanical Dimension:
RoHS compliant.
High current ( lsat up to 50A ) though hole type.
Magnetically shielded, suitable for hight density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized
inductors are available to meet your exact requirements.
Features
Electrical Characteristics:
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
At 25
: 100KHz, 1.0V
oC
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
147
UNIT :mm/inch
A = 11.00 / 0.433 Max.
B = 11.00 / 0.433 Max.
D = 12.70 0.5 / 0.500 0.020
E = 3.30 0.5 / 0.130 0.020
F = 1.30 / 0.051
Lo
(uH)
DCR
(m ) MAX.
Irms
(Adc)
3
Isat
(Adc)
2
PART NO.
Dimension "C"
(mm / inch) MAX
THAH1055-R15
0.150
20%
0.50
45
30
5.50 / 0.217
THAH1075-R24
0.245
10%
0.72
7%
50
28
7.50 / 0.295
THAH1075-R25
0.280 ~ 0.308
0.76
40
28
7.50 / 0.295
THAH1075-0R3
0.224 ~ 0.336
0.76
40
28
7.50 / 0.295
THAH1075-R36
0.360
20%
0.76
40
28
7.50 / 0.295
THAH1075-R68
0.680
20%
1.25
35
25
7.50 / 0.295
THAH1075-0R8
0.800
20%
2.30
35
20
7.50 / 0.295
THAH1075-1R0
1.000
20%
3.00
22
16
7.50 / 0.295
THAH1085-0R9
0.900
20%
2.10
30
22
8.50 / 0.335
THAH1090-0R4
0.400
20%
1.15
40
25
9.00 / 0.354
THAH1090-0R5
0.500
20%
0.90
5%
50
40
9.00 / 0.354
THAH1095-1R2
1.200
20%
3.00
22
15
9.50 / 0.374
D
12.7+/-1.0
1.7(REF.)
E
F
C
A
B
RECOMMENDED PAD PATTERNS
1
1. Lo is the initial inductance.
2. Isat is the DC current which cause the inductance drop less than 20% of its nominal inductance without current.
O
3. Irms is the DC current which cause the surface temperature of the part increase less than 40 C.
OO
4. Operating temperature : -40 C to 125 C ( including self-temperature rise ).


Similar Part No. - THAH1075-R68

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
THAH1411-0R7 DELTA-THAH1411-0R7 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1411-0R8 DELTA-THAH1411-0R8 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1485-0R4 DELTA-THAH1485-0R4 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1485-0R5 DELTA-THAH1485-0R5 Datasheet
165Kb / 1P
Through Hole Power Inductors
More results

Similar Description - THAH1075-R68

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
THROUGH-HOLE MOLDED INDUCTORS
logo
Token Electronics Indus...
TC1213 TOKEN-TC1213 Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
Through Hole Power Inductors
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
Through-Hole Inductors
AUG-02-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com