Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1744U Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1744U
Description  24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1744U Datasheet(HTML) 2 Page - Texas Instruments

  PCM1744U Datasheet HTML 1Page - Texas Instruments PCM1744U Datasheet HTML 2Page - Texas Instruments PCM1744U Datasheet HTML 3Page - Texas Instruments PCM1744U Datasheet HTML 4Page - Texas Instruments PCM1744U Datasheet HTML 5Page - Texas Instruments PCM1744U Datasheet HTML 6Page - Texas Instruments PCM1744U Datasheet HTML 7Page - Texas Instruments PCM1744U Datasheet HTML 8Page - Texas Instruments PCM1744U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
2
PCM1744
SPECIFICATIONS
All specifications at +25
°C, +V
CC = +5V, fS = 44.1kHz, and 18-bit input data, SYSCLK = 384fS, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PCM1744
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
DATA FORMAT
Audio Data Interface Format
I2S
Audio Data Format
Two’s Binary Complement
Sampling Frequency (fS)
16
96
kHz
Internal System Clock Frequency
256fS/384fS
DIGITAL INPUT/OUTPUT
Logic Level
TTL
Input Logic Level
VIH(1)
2.0
VDC
VIL(1)
0.8
VDC
Input Logic Current: IIN(1)
±0.8
µA
DYNAMIC PERFORMANCE(2)
f = 991kHz
THD+N at FS (0dB)
–83
–79
dB
THD+N at –60dB
–32
dB
Dynamic Range
EIAJ, A-weighted
90
95
dB
Signal-to-Noise Ratio
EIAJ, A-weighted
90
97
dB
Channel Separation
88
95
dB
DC ACCURACY
Gain Error
±1.0
±10.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±5.0
% of FSR
Bipolar Zero Error
VOUT = VCC/2 at BPZ
±20
±50
mV
ANALOG OUTPUT
Output Voltage
Full Scale (0dB)
0.62 x VCC
Vp-p
Center Voltage
VCC/2
VDC
Load Impedance
AC Load
10
k
Ω
DIGITAL FILTER PERFORMANCE
Passband
0.445
fS
Stopband
0.555
fS
Passband Ripple
±0.17
dB
Stopband Attenuation
–35
dB
Delay Time
11.125/fS
sec
INTERNAL ANALOG FILTER
–3dB Bandwidth
100
kHz
Passband Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
4.5
5
5.5
VDC
Supply Current
13
18
mA
Power Dissipation
65
90
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) Pins 1, 2, 3, 12, 13, 14: LRCIN, DIN, BCKIN, DM, FORMAT, SCKI. (2) Dynamic performance specs are tested with 20kHz low pass filter and THD+N
specs are tested with 30kHz LPF, 400Hz HPF, Average-Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com