Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISH85-R33 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SISH85-R33
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SISH85-R33 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SISH85-R33 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
SISH85 Type
25
: 100KHz, 0.1V
oC
Features
RoHS compliant.
Low profile (5.2mm max. height) SMD type.
Unshielded.
Self-leads, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Idel for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
Electrical Characteristics:
76
0.10
1.00
10.00
100.00
CURRENT (A)
0.10
1.00
10.00
100.00
1000.00
102
681
471
331
221
151
101
680
470
330
220
150
100
6R8
4R7
3R3
2R2
1R5
1R0
2R7
R68
R33
SISH85 - R33
0.33
2.0
20.0
16.0
SISH85 - R68
0.68
5.0
13.0
12.0
SISH85 - 1R0
1.00
6.0
11.0
10.0
SISH85 - 1R5
1.50
8.0
9.0
9.0
SISH85 - 2R2
2.20
11.0
7.8
7.4
SISH85 - 2R7
2.70
12.0
7.0
6.6
SISH85 - 3R3
3.30
14.0
6.4
5.9
SISH85 - 4R7
4.70
18.0
5.4
4.8
SISH85 - 6R8
6.80
27.0
4.6
4.4
SISH85 - 100
10.00
38.0
3.8
3.9
SISH85 - 150
15.00
46.0
3.0
3.1
SISH85 - 220
22.00
85.0
2.6
2.7
SISH85 - 330
33.00
100.0
2.0
2.1
SISH85 - 470
47.00
140.0
1.6
1.8
SISH85 - 680
68.00
200.0
1.4
1.5
SISH85 - 101
100.00
280.0
1.2
1.3
SISH85 - 151
150.00
400.0
1.0
1.0
SISH85 - 221
220.00
610.0
0.8
0.8
SISH85 - 331
330.00
1020.0
0.6
0.6
SISH85 - 471
470.00
1270.0
0.5
0.5
SISH85 - 681
680.00
2020.0
0.4
0.4
SISH85 - 102
1000.00
3000.0
0.3
0.3
PART NO.
1
L
(uH)
DCR
(m
)MAX
Isat
(Adc)
2
3
Ir
(Adc)
1. Tolerance of inductance: 20%.
2. Isat is the DC current which cause the inductance drop less than 10% of its nominal inductance without current.
3. Ir is the DC current which cause the surface temperature of the part increase less than 45
4. Operating temperature : -20
to 105
(including self-temperature rise)
oC.
o
o
C
C
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
Mechanical Dimension:
A
B
F
E
D
C
UNIT:mm/inch
A = 12.94 / 00.510 Max.
B = 9.4 / 0.370 Max.
C = 5.2 / 0.205 Max.
D = 7.9 0.2 / 0.303 0.008
E = 2.5 0.2 / 0.098 0.008
F = 2.5 0.2 / 0.098 0.008
RECOMMENDED PAD PATTERNS
3.5
3.5
7.0
14.0


Similar Part No. - SISH85-R33

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SISH811 DELTA-SISH811 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-100 DELTA-SISH811-100 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-101 DELTA-SISH811-101 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-102 DELTA-SISH811-102 Datasheet
221Kb / 1P
SMT Power Inductor
SISH811-150 DELTA-SISH811-150 Datasheet
221Kb / 1P
SMT Power Inductor
More results

Similar Description - SISH85-R33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com