Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4416P-R2R-503 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4416P-R2R-503
Description  4800P Series - Thick Film Surface Mounted Medium Body
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4416P-R2R-503 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4416P-R2R-503 Datasheet HTML 1Page - Bourns Electronic Solutions 4416P-R2R-503 Datasheet HTML 2Page - Bourns Electronic Solutions 4416P-R2R-503 Datasheet HTML 3Page - Bourns Electronic Solutions 4416P-R2R-503 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Package Power Temp. Derating Curve
4800P Series - Thick Film Surface Mounted Medium Body
Specifications are subject to change without notice.
Product Characteristics
Resistance Range
.....................10 ohms to 2.2 megohms
Maximum Operating Voltage.............50V
Temperature Coefficient of Resistance
50
Ω and above.................±100ppm/°C
below 50
Ω ........................±250ppm/°C
TCR Tracking
...............50ppm/°C max.; equal values
100ppm/°C 50W and above
Operating Temperature
...................................-55°C to +125°C
Insulation Resistance
..........................10,000 megohms min.
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202 ........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat .....±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
125
1.6
1.4
1.2
1.0
.8
.6
.4
.2
25
4814P
4816P
4818P
4820P
Package Power Rating at 70°C
4814P......................................1.12 watts
4816P......................................1.28 watts
4818P......................................1.44 watts
4820P......................................1.60 watts
5.59
± .12
(.220
± .005)
7.62
± .25
(.300
± .010)
.432
± .076
(.017
± .003)
9.91
± .12
(.390
± .005)
12.45
± .12
(.490
± .005)
11.18
± .12
(.440
± .005)
13.72
± .12
(.540
± .005)
.13 + .12/ - .00
(.005 + .005/ - .000)
2.03
± .12
(.080
± .005)
.611
± .101
(.024
± .004)
R = .008" TYP.
8
° MAX.
Lead coplanarity .102mm (.004 inch) max. at mounting surface.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
TYP.
1.27
± .076
(.050
± .003*)
TYP.
.305 + .000/ - .101
(.012 + .000/ - .004)
PART NUMBER
-330
4816P-1
YYWW
RESISTANCE
CODE
DATE CODE
CIRCUIT
MANUFACTURER'S
TRADEMARK
PIN ONE
INDICATOR
Represents total content. Layout may vary.
How To Order
48 16 P - 1 - 103
Model
(48 = SOM Pkg)
Number of Pins
Electrical Configuration
• 1 or 4 = Isolated*
• 2 = Bussed*
• 3 = Dual Terminator*
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
*For tube packaging, use T01, T02, T03 or T04.
Consult factory for other available options.
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
SOM-14
SOM-16
SOM-18
SOM-20
NOTE: Land pattern dimensions are based on
design rules established by the Institute for Inter-
connecting and Packaging Electronic Circuits in
IPC-SM-782.
TYP.
1.27
(.050)
8.26
(.325)
9.53
(.375)
10.80
(.425)
12.07
(.475)
4.9
(.193)
8.9
(.350)
TYP.
2.0
(.079)
TYP.
.63
(.025)
Product Dimensions
Typical Part Marking
Recommended Land Pattern
Features
s
Standard E.I.A. package compatible with
automatic placement equipment
s
Tape and reel packaging standard
(see page 304 for dimensions)
s
For ordering guidelines, see page 304
s
Marking on contrasting background for
permanent identification
s
Compliant leads to reduce solder joint
fatiguing
s
Standard electrical schematics: isolated,
bussed, dual terminator
s
Custom circuits are available


Similar Part No. - 4416P-R2R-503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4416P-R2R-503 BOURNS-4416P-R2R-503 Datasheet
60Kb / 1P
R/2R Ladder Networks
4416P-R2R-503 BOURNS-4416P-R2R-503 Datasheet
1Mb / 62P
Resistor Networks Product Selection Guide
4416P-R2R-503 BOURNS-4416P-R2R-503 Datasheet
254Kb / 4P
4800P Series - Thick Film Surface Mounted Medium Body
More results

Similar Description - 4416P-R2R-503

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4816P-T01-220 BOURNS-4816P-T01-220 Datasheet
366Kb / 2P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-221 BOURNS-4816P-1-221 Datasheet
366Kb / 2P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-222LF BOURNS-4816P-2-222LF Datasheet
366Kb / 2P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-472 BOURNS-4816P-2-472 Datasheet
366Kb / 2P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-472 BOURNS-4816P-1-472 Datasheet
366Kb / 2P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-151LF BOURNS-4816P-T01-151LF Datasheet
364Kb / 3P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-102 BOURNS-4816P-2-102 Datasheet
364Kb / 3P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-102 BOURNS-4816P-1-102 Datasheet
366Kb / 2P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-T02-102LF BOURNS-4816P-T02-102LF Datasheet
254Kb / 4P
4800P Series - Thick Film Surface Mounted Medium Body
4816P-1-331 BOURNS-4816P-1-331 Datasheet
364Kb / 3P
4800P Series - Thick Film Surface Mounted Medium Body
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com