Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT013D475MAT2S Datasheet(PDF) 1 Page - AVX Corporation

Part # LT013D475MAT2S
Description  General Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LT013D475MAT2S Datasheet(HTML) 1 Page - AVX Corporation

  LT013D475MAT2S Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: Contact factory for availability of tolerance options for specific part numbers.
36
AVX introduces the LT series comprising a range of low profile
products in our X5R and X7R dielectric. X5R is a Class II dielectric
with temperature varation of capacitance within ±15% from –55°C to
+85°C. Offerings include 0201, 0402, 0603, 0805 1206, and 1210
packages in compact, low profile designs. The LT series is ideal for
decoupling and filtering applications where height clearance is limited.
AVX is also expanding the low profile products in our X7R dielectric.
X7R is a Class II dielectric with temperature variation of capacitance
within ±15% from -55ºC to +125ºC. Please contact the factory for
availability of any additional values not listed.
MLCC Low Profile
General Specifications
PART NUMBER (see page 2 for complete part number explanation)
GENERAL DESCRIPTION
LT05
Size
LT01 - 0201
LT02 - 0402
LT03 - 0603
LT05 - 0805
LT06 - 1206
LT10 - 1210
Z
Voltage
4V = 4
6.3V = 6
10V = Z
16V = Y
25V = 3
D
Dielectric
X5R = D
X7R = C
475
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
K
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory
For
Multiples
S
Special
Code
See table below
Letter
J
ZQ
C
S
X
W
Max.
0.15
0.22
0.25
0.36
0.56
0.95
1.02
Thickness
(0.006)
(0.009)
(0.010)
(0.014)
(0.022)
(0.038)
(0.040)
PAPER
SIZE
LT01
LT02
LT03
LT05
LT06
LT10
WVDC
4
4
6.3
10
16
4
6.3
16
25
6.3
10
16
25
10
16
25
16
25
Cap
104
0.10
Z
Q
S
(μF)
0.22
X
0.47
XX
105
1.0
C
S
S
X
X
X
1.5
2.2
S
S
X
X
4.7
SX
SX
W
W
W
106
10
X/W
X
X
W
W
22
47
WVDC
4
4
6.3
10
16
4
6.3
16
25
6.3
10
16
25
10
16
25
16
25
SIZE
LT01
LT02
LT03
LT05
LT06
LT10
EMBOSSED
= X7R


Similar Part No. - LT013D475MAT2S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT011 SHARP-LT011 Datasheet
73Kb / 2P
LT011PS
LT011PS SHARP-LT011PS Datasheet
73Kb / 2P
LT011PS
logo
Linear Technology
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
More results

Similar Description - LT013D475MAT2S

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com