Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616R-R2R-503 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 4616R-R2R-503
Description  4800P Series - Thick Film Surface Mounted Medium Body
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616R-R2R-503 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  4616R-R2R-503 Datasheet HTML 1Page - Bourns Electronic Solutions 4616R-R2R-503 Datasheet HTML 2Page - Bourns Electronic Solutions 4616R-R2R-503 Datasheet HTML 3Page - Bourns Electronic Solutions 4616R-R2R-503 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
R/2R Ladder Networks are available in both DIP and SIP
(Molded or Conformal) configurations.
16
1
9
8
2R
R
2R
15
2
2R
R
14
3
2R
R
13
4
2R
R
12
5
2R
R
11
6
2R
R
10
7
2R
R
2R
OUT
RT
16-PIN
8-BIT
DIP
PIN
BIT
18
23
4
5
6
7
MSB
LSB
2
2R
R
3
2R
R
4
2R
R
5
2R
R
6
2R
R
7
2R
R
8
2R
R
9
2R
1
BIT OUT
18
23
4
5
6
7
MSB
LSB
PIN
10
2R
RT
10-PIN
8-BIT
SIP
The R/2R Ladder Network is commonly used for Digital to
Analog (D/A) conversions and Analog to Digital (A/D) conversion
by successive approximations. The bits of the ladder are the
points at which input signals are presented to the ladder and
the output terminal (OUT) is the point at which the output is
taken from the R/2R ladder. This terminal (OUT) is commonly
used to drive an operational amplifier. RT (the terminating resis-
tor) is always connected to ground.
Standard R/2R Ladder Networks have a resistance tolerance of
±2.0% (±1.0% available on all but low profile SIPs).
Standard R/2R Ladder Networks
Availability is as follows:
DIP/SMD
SIP-CONFORMAL
SIP MOLDED
14 Pin - 7 Bit
6 Pin - 4 Bit
6 Pin - 4 Bit
16 Pin - 8 Bit
7 Pin - 5 Bit
8 Pin - 6 Bit
8 Pin - 6 Bit
10 Pin - 8 Bit
9 Pin - 7 Bit
10 Pin - 8 Bit
11 Pin - 9 Bit
12 Pin -10 Bit
14 Pin -12 Bit
Resistor Power Ratings @ 70˚ C
Low Profile SIP & DIP ....................................................
.125W
Medium Profile SIP ........................................................
.170W
High Profile SIP ..............................................................
.200W
How To Order R/2R Ladder Networks
41 16 R - R2R - 503
Model
Resistance/Capacitance Code
(41 = Molded DIP)
(For value of R). 2R is double this value.
(43 = Molded SIP)
• First 2 digits are significant.
(44 = Wide Body SMD)
• Third digit represents the number
(46 = Conformal SIP)
of zeros to follow.
(48 = SMD)
Number of Pins
Physical Configuration
Electrical Configuration
(R = Low Profile - Molded)
• R2R = R/2R Ladder Network
(X = Low Profile - Conformal)
(M = Medium Profile)
(H = High Profile)
(P = Medium Body SOIC)
R/2R Ladder Networks



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com