Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIQ127RL-R75 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIQ127RL-R75
Description  SMT Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIQ127RL-R75 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIQ127RL-R75 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant.
Low profile(8.0mm max. height), high current(10A,1.2uH) SMD type.
Magnetically shielded, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Idel for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
Features
Electrical Characteristics :
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
30
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
25
, 100KHz, 0.1V for 0.75~7.4uH. 1KHz, 1V for 10~1000uH.
OC
SMT Power Inductor
SIQ127RL Type
0.00
0.01
0.10
1.00
10.00
100.00
CURRENT (A)
1.00
10.00
100.00
1000.00
1R0
2R4
3R5
4R6
5R8
7R4
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
2
Irated
(Adc)
PART NO.
DCR
(m
) MAX
SIQ127RL - R75
0.75
4.2
18.00
SIQ127RL - 1R0
1.00
6.5
14.00
SIQ127RL - 2R4
2.40
10.5
10.30
SIQ127RL - 3R5
3.50
12.4
9.30
SIQ127RL - 4R6
4.60
13.8
9.10
SIQ127RL - 5R8
5.80
16.2
8.60
SIQ127RL - 7R4
7.40
17.7
7.40
SIQ127RL - 100
10.00
19.5
6.70
SIQ127RL - 120
12.00
21.3
6.45
SIQ127RL - 150
15.00
26.4
5.65
SIQ127RL - 180
18.00
28.0
5.10
SIQ127RL - 220
22.00
36.4
4.70
SIQ127RL - 270
27.00
41.6
4.20
SIQ127RL - 330
33.00
53.3
3.90
SIQ127RL - 390
39.00
60.5
3.50
SIQ127RL - 470
47.00
78.0
3.25
SIQ127RL - 560
56.00
90.0
2.90
SIQ127RL - 680
68.00
120.0
2.60
SIQ127RL - 820
82.00
119.0
2.40
SIQ127RL - 101
100.00
151.0
2.10
SIQ127RL - 121
120.00
169.0
1.90
SIQ127RL - 151
150.00
227.0
1.80
SIQ127RL - 181
180.00
299.0
1.55
SIQ127RL - 221
220.00
338.0
1.45
SIQ127RL - 271
270.00
419.0
1.30
SIQ127RL - 331
330.00
471.0
1.20
SIQ127RL - 391
390.00
572.1
1.10
SIQ127RL - 471
470.00
741.0
1.00
SIQ127RL - 561
560.00
852.0
0.95
SIQ127RL - 681
680.00
1130.0
0.85
SIQ127RL - 821
820.00
1240.0
0.75
SIQ127RL - 102
1000.00
1500.0
0.70
1
L
(uH)
C
A¡Ó
F
B¡Ó
D¡Ó
E
Mechanical Dimension :
UNIT:mm/inch
C = 8.0 / 0.315 Max.
UNIT:mm/inch
A = 12.2 0.3 / 0.480
0.012
B = 12.2 0.3 / 0.480
0.012
D = 7.6 0.3 / 0.299
0.012
12.8
7.0
5.4
2.9
E = 5.0 / 0.197
F = 2.2 /0.087
RECOMMENDED PAD PATTERNS
1. Tolerance of inductance : +40%/-20% for 0.75~7.4uH,
20% for 10~1000uH.
3. Operating temperature : -20
to 105
(including self-temperature rise).
2. Irated is the DC current which cause the inductance drop less than 20% of its nominal inductance without current
o
and the surface temperature of the part increase less than 45 C.
o
o
C
C


Similar Part No. - SIQ127RL-R75

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIQ127RL-100 DELTA-SIQ127RL-100 Datasheet
91Kb / 1P
SMT Power Inductor
SIQ127RL-101 DELTA-SIQ127RL-101 Datasheet
91Kb / 1P
SMT Power Inductor
SIQ127RL-102 DELTA-SIQ127RL-102 Datasheet
91Kb / 1P
SMT Power Inductor
SIQ127RL-120 DELTA-SIQ127RL-120 Datasheet
91Kb / 1P
SMT Power Inductor
SIQ127RL-121 DELTA-SIQ127RL-121 Datasheet
91Kb / 1P
SMT Power Inductor
More results

Similar Description - SIQ127RL-R75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8_08 Datasheet
317Kb / 2P
SMT Power Inductor
logo
XFMRS Inc.
XFHCL4LP-6R8M XFMRS-XFHCL4LP-6R8M Datasheet
65Kb / 1P
SMT POWER INDUCTOR
XFHCL4LP-100M XFMRS-XFHCL4LP-100M Datasheet
64Kb / 1P
SMT POWER INDUCTOR
XFTPRH74-681M XFMRS-XFTPRH74-681M Datasheet
45Kb / 1P
SMT POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT_17 Datasheet
336Kb / 4P
SMT Power Inductor
PA4332.XXXNLT PULSE-PA4332.XXXNLT Datasheet
362Kb / 4P
SMT Power Inductor
PA4343.XXXNLT PULSE-PA4343.XXXNLT Datasheet
2Mb / 5P
SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com