Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91D1A-R16-A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 91D1A-R16-A
Description  91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91D1A-R16-A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  91D1A-R16-A Datasheet HTML 1Page - Bourns Electronic Solutions 91D1A-R16-A Datasheet HTML 2Page - Bourns Electronic Solutions 91D1A-R16-A Datasheet HTML 3Page - Bourns Electronic Solutions 91D1A-R16-A Datasheet HTML 4Page - Bourns Electronic Solutions 91D1A-R16-A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
91, 92, 93, 94, 95, 96, 99 - 5/8 ” Square Single-Turn Panel Control
99 - 5/8 ” Square Single-Turn Panel Control with Rotary Switch
Initial Electrical Characteristics1
Conductive Plastic Element
Cermet Element
Standard Resistance Range
Linear Tapers (A, B, E, & H) ................................................................(B & E) 1 K ohms to 1 megohm ......................(A & H) 100 ohms to 1 megohm
Audio Tapers (C, D, F, G, S, & T).........................................................(D,G,S, & T) 1 K ohms to 1 megohm ..............(C & F) 1 K ohms to 1 megohm
Total Resistance Tolerance .....................................................................10 % or 20 % .................................................5% or 10%
Independent Linearity .............................................................................±5 %...............................................................±5 %
Absolute Minimum Resistance ...............................................................2 ohms maximum........................................... 2 ohms maximum
Effective Electrical Angle ........................................................................(Linear tapers) 240 ° ± 5 °...............................(Linear tapers) 240 ° ± 6 °
(Audio tapers) 225 ° ± 5 °
(Audio tapers) 225 ° ± 6 °
Contact Resistance Variation .................................................................±1 %...............................................................±1 % or 3 ohms (whichever is greater)
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level............................................................................................1,500 VAC minimum.......................................1,500 VAC minimum
70,000 Feet ........................................................................................500 VAC minimum..........................................500 VAC minimum
Insulation Resistance (500 VDC) ............................................................1,000 megohms minimum..............................1,000 megohms minimum
Power Rating (Voltage Limited By Power Dissipation or 350 VAC, Whichever Is Less)
+70 °C Single Section Assembly .......................................................(Linear tapers) 0.5 watt...................................(Linear tapers) 2 watts
(Audio tapers) 0.25 watt
(Audio tapers) 1 watt
+70 °C Multiple Section Assembly.....................................................(Linear tapers) 0.5 watt/section ......................(Linear tapers) 1 watt/section
(Audio tapers) 0.25 watt/section
(Audio tapers) 0.5 watt/section
+125 °C ..............................................................................................0 watt..............................................................0 watt
Theoretical Resolution ............................................................................Essentially infinite ...........................................Essentially infinite
Environmental Characteristics1
Operating Temperature Range ...............................................................+1 °C to +125 °C ............................................+1 °C to +125 °C
Storage Temperature Range...................................................................-55 °C to +125 °C...........................................-55 °C to +125 °C
Temperature Coefficient Over Storage Temperature Range...................±1,000 ppm/°C...............................................±150 ppm/°C
Vibration (Single Section)........................................................................15 G................................................................15 G
Total Resistance Shift.........................................................................±2 % maximum ..............................................±2 % maximum
Voltage Ratio Shift..............................................................................±5 % maximum ..............................................±5 % maximum
Shock (Single Section)............................................................................30 G................................................................30 G
Total Resistance Shift.........................................................................±2 % maximum ..............................................±2 % maximum
Voltage Ratio Shift..............................................................................±5 % maximum ..............................................±5 % maximum
Load Life .................................................................................................1,000 hours ....................................................1,000 hours
Total Resistance Shift.........................................................................±10 % maximum ............................................±5 % maximum
Rotational Life (No Load) ........................................................................100,000 cycles ...............................................100,000 cycles
Total Resistance Shift.........................................................................(Linear tapers) 10 ohms or ±15 % TRS max. ...(All tapers) ±5 % TRS max.
(whichever is greater)
(Audio tapers) ±20 % maximum
Contact Resistance Variation @ 50,000 cycles ..................................(Linear tapers) ±2 % .......................................±2 %
(Audio tapers) ±3 % .......................................±3 %
Moisture Resistance (MIL-STD-303, Method 103, Condition B)
Total Resistance Shift.........................................................................(Linear tapers) ±10 % TRS maximum ............(All tapers) ±5 % TRS maximum
(Audio tapers) ±20 % TRS maximum
Insulation Resistance (500 VDC) ........................................................100 megohms minimum.................................100 megohms minimum
IP Rating (Model 96) ...............................................................................IP 65 ...............................................................IP 65
(All Others) ..........................................................................................IP 40 ...............................................................IP 40
Features
■
Features one-piece molded plastic shaft
and rotor assembly
■
Available in a variety of pin-out
configurations
■
Virtually infinite electrical circuit isolation
■
Model 96 sealed for board wash
■
Metal shaft available as special feature
Potentiometer Specifications


Similar Description - 91D1A-R16-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
PC - Slimline22 mm Square Single Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
Square Single-Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com