Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADF5
Description  Cable Economiser
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADF5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
27/09/12
Cable Economiser
Voice / Voice
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Wiring
Colour
US Plug Jack 1
Jack 2
White/Orange
1
4
Orange
2
5
White/Green
3
3
Blue
4
4
White/Blue
5
5
Green
6
6
White/Brown
7
3
Brown
8
6
No
Name
Material
Specification
Qty
1
Plug
PC
US Plug 8P8C
BN Mark
1
2
Cable
PVC
CAT 5e 24AWG
1
3
Modrling (1)
PVC
Black
1
4
Modrling (2)
PVC
Black
1
5
112 Upper
ABS
Black Upper
1
6
112 Bottom
ABS
Black Bottom
1
7
RJ45 Jack
PBT
10P8C
2
8
Label
-
24mm × 14mm
1
9
PCB
FR-4
1.6mm
1
10 IDC
IDC Housing
ABS
4 Pin
2
IDC Insert
Cu
-
8
11 Label
A
-
5.6mm × 9.6mm
1
B
-
5.6mm × 9.6mm
1
Part Number Table
Description
Part Number
Cable Economiser, Voice / Voice
ADF5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com