Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5310ACP-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 13Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 14Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 15Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 16Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 17Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 18Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 19Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADL5310
Rev. A | Page 16 of 20
CHARACTERIZATION METHODS
The solution in Figure 37 is no longer subject to potential
channel mismatch issues. Individual channel slope and intercept
characteristics can be calibrated independently. The accuracy
was verified using a pair of calibrated current sources. The
performance of the circuit depicted in Figure 37 is shown in
Figure 38 and Figure 39. Multiple transfer functions and error
plots are provided for various power levels. The accuracy is
better than 0.1 dB over a 5-decade range. The dynamic range is
slightly reduced for strong IIN input currents. This is due to the
limited available swing of the VLOG pin and can be recovered
through careful selection of input and output optical tap
coupling ratios.
During the characterization of the ADL5310, the device was
treated as a precision current-input logarithmic converter,
because it is impractical to generate accurate photocurrents by
illuminating a photodiode. The test currents were generated by
using either a well-calibrated current source, such as the
Keithley 236, or a high value resistor from a voltage source to
the input pin. Great care is needed when using very small input
currents. For example, the triax output connection from the
current generator was used with the guard tied to VSUM. The
input trace on the PC board was guarded by connecting
adjacent traces to VSUM.
1.0
1.2
1.4
1.6
1.8
0.8
0.6
0.4
0.2
0
–10
0
10
20
30
40
50
–20
LOG10 [IPD1/IPD2] (dB)
60
α
21 FOR MULTIPLE VALUES OF IPD1
φ
2 WHEN IPD1 = 100µA
These measures are needed to minimize the risk of leakage
current paths. With 0.5 V as the nominal bias on the INP1
(INP2) pin, a leakage-path resistance of 1 GΩ to ground would
subtract 0.5 nA from the input, which amounts to a −1.6 dB
error for a 3 nA source current. Additionally, the very high
sensitivity at the input pins and the long cables commonly
needed during characterization allow 60 Hz and RF emissions
to introduce substantial measurement errors. Careful guarding
techniques are essential to reducing the pickup of these spurious
signals.
Additional information, including test setups, can be found in
the AD8305 and ADL5306 data sheets.
Figure 38. Absorbance and Absolute Power Transfer Functions for
Wilson Mirror ADL5310 Combination
0
0.1
0.2
0.3
0.4
0.5
–0.1
–0.2
–0.3
–0.4
–0.5
–30
–20
–10
0
10
20
30
–40
LOG10 [IPD1/IPD2] (dB)
40
50
60
IPD1 =10µA
IPD1 = 100µA
IPD1 =1µA
Figure 39. Log Conformance for Wilson Mirror ADL5310 Combination,
Normalized to 10 mA Channel 1 Input Current, IIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com