Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIG252012-R47 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIG252012-R47
Description  SPECIFICATION FOR APPROVAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG252012-R47 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIG252012-R47 Datasheet HTML 1Page - Delta Electronics, Inc. SIG252012-R47 Datasheet HTML 2Page - Delta Electronics, Inc. SIG252012-R47 Datasheet HTML 3Page - Delta Electronics, Inc. SIG252012-R47 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG252012-XXX
REVISION
: A4
PAGE
: 1 OF 11
SIG252012-XXX
Sealed Choke Coil
1. Features
Low profile:2.5mm
x 2.0mm x 1.2mm
Low coil resistance with large currents.
High magnetic shield construction should actualize high resolution for EMC protection.
100% lead (Pb) free meet RoHS standard
2. Application
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
3. Type Designation
SIG
252012
–
XXX
(1)
(2)
(3)
Where
(1) Series No :
(2) Size :
252012 = 2.5mm
x 2.0mm x 1.2mm
(3) Inductance Value :
3R3 = 3.3
µH
4. Outline Dimensions
Note
:
This graph is only regard to dimensions spec. For outer appearance, please refer to actual product.
Code
Dimensions (mm)
L
2.0
± 0.1
W
2.5
± 0.1
T
1.2 Max
P
0.4
± 0.2
L
P
T
W
P


Similar Part No. - SIG252012-R47

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIG252010-100 DELTA-SIG252010-100 Datasheet
72Kb / 4P
SPECIFICATION FOR APPROVAL
SIG252010-1R0 DELTA-SIG252010-1R0 Datasheet
72Kb / 4P
SPECIFICATION FOR APPROVAL
SIG252010-1R5 DELTA-SIG252010-1R5 Datasheet
72Kb / 4P
SPECIFICATION FOR APPROVAL
SIG252010-220 DELTA-SIG252010-220 Datasheet
72Kb / 4P
SPECIFICATION FOR APPROVAL
SIG252010-2R2 DELTA-SIG252010-2R2 Datasheet
72Kb / 4P
SPECIFICATION FOR APPROVAL
More results

Similar Description - SIG252012-R47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
Specification for Approval
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
SPECIFICATION FOR APPROVAL
KPEG006 ETC2-KPEG006 Datasheet
108Kb / 6P
SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB160808-600-0.5A XFMRS-XFEB160808-600-0.5A Datasheet
75Kb / 2P
SPECIFICATION FOR APPROVAL
XFEB160808-680-1A XFMRS-XFEB160808-680-1A Datasheet
31Kb / 1P
SPECIFICATION FOR APPROVAL
XFEB201209-121-0.8A XFMRS-XFEB201209-121-0.8A Datasheet
116Kb / 1P
SPECIFICATION FOR APPROVAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com