Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIG201610L-R47 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIG201610L-R47
Description  SPECIFICATION FOR APPROVAL Low coil resistance with large currents.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG201610L-R47 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIG201610L-R47 Datasheet HTML 1Page - Delta Electronics, Inc. SIG201610L-R47 Datasheet HTML 2Page - Delta Electronics, Inc. SIG201610L-R47 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG201610L-000
REVISION
: A3
PAGE
: 1 OF 3
B
C
A
Sealed Choke Coil SIG201610L type
Features
Low profile:2.0mm
x 1.6mm x 1.0mm
Low coil resistance with large currents.
High magnetic shield construction should actualize high resolution for EMC protection.
100% lead (Pb) free meet RoHS standard
Application
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
Outline Dimensions
Note
This graph is only regard to dimensions spec. For outer appearance, please refer to actual product.
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown above after confirming and safety.
A
1.7
B
0.6
C
2.3
Unit : mm
Code
Dimensions (mm)
L
1.6
± 0.1
W
2.0
± 0.1
T
1.0 Max
P
0.6
± 0.1
L
W
P
T
P


Similar Part No. - SIG201610L-R47

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIG201612H-100 DELTA-SIG201612H-100 Datasheet
223Kb / 4P
SPECIFICATION FOR APPROVAL
SIG201612H-150 DELTA-SIG201612H-150 Datasheet
223Kb / 4P
SPECIFICATION FOR APPROVAL
SIG201612H-1R0 DELTA-SIG201612H-1R0 Datasheet
223Kb / 4P
SPECIFICATION FOR APPROVAL
SIG201612H-1R5 DELTA-SIG201612H-1R5 Datasheet
223Kb / 4P
SPECIFICATION FOR APPROVAL
SIG201612H-1R8 DELTA-SIG201612H-1R8 Datasheet
223Kb / 4P
SPECIFICATION FOR APPROVAL
More results

Similar Description - SIG201610L-R47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
Specification for Approval
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
SPECIFICATION FOR APPROVAL
KPEG006 ETC2-KPEG006 Datasheet
108Kb / 6P
SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB160808-600-0.5A XFMRS-XFEB160808-600-0.5A Datasheet
75Kb / 2P
SPECIFICATION FOR APPROVAL
XFEB160808-680-1A XFMRS-XFEB160808-680-1A Datasheet
31Kb / 1P
SPECIFICATION FOR APPROVAL
XFEB201209-121-0.8A XFMRS-XFEB201209-121-0.8A Datasheet
116Kb / 1P
SPECIFICATION FOR APPROVAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com