Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIG4018L-R56 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIG4018L-R56
Description  SPECIFICATION FOR APPROVAL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG4018L-R56 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIG4018L-R56 Datasheet HTML 1Page - Delta Electronics, Inc. SIG4018L-R56 Datasheet HTML 2Page - Delta Electronics, Inc. SIG4018L-R56 Datasheet HTML 3Page - Delta Electronics, Inc. SIG4018L-R56 Datasheet HTML 4Page - Delta Electronics, Inc. SIG4018L-R56 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG4018L-XXX
REVISION
: A4
PAGE
: 1 OF 11
SIG4018L-XXX Sealed Choke Coil
1. Features
Low profile:3.8mm
x 3.8mm x 1.8mm
Low coil resistance with large currents.
High magnetic shield construction should actualize high resolution for EMC protection.
100% lead (Pb) free meet RoHS standard
2. Application
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
3. Type Designation
SIG
4018
L
-
XXX
(1)
(2)
(3)
(4)
Where
(1) Series No :
(2) Size :
4018 = 3.8mm
x 3.8mm x 1.8mm
(3) Model characteristic :
L: Low Resistance , H: High Current
(4) Inductance Value :
4R7 = 4.7
µH
4. Outline Dimensions
Note
:
This graph is only regard to dimensions spec. For outer appearance, please refer to actual product.
Code
Dimensions (mm)
L
3.8
± 0.2*
W
3.8
± 0.2*
T
1.8 max. *
P
1.0
± 0.2
* Dimensions are of the case not including the
termination. For maximum overall dimensions
including the termination, add 0.1mm.
L
W
P
T
P


Similar Part No. - SIG4018L-R56

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIG4018 DELTA-SIG4018 Datasheet
70Kb / 1P
SMT Power Inductor
SIG4018-100 DELTA-SIG4018-100 Datasheet
70Kb / 1P
SMT Power Inductor
SIG4018-101 DELTA-SIG4018-101 Datasheet
70Kb / 1P
SMT Power Inductor
SIG4018-150 DELTA-SIG4018-150 Datasheet
70Kb / 1P
SMT Power Inductor
SIG4018-151 DELTA-SIG4018-151 Datasheet
70Kb / 1P
SMT Power Inductor
More results

Similar Description - SIG4018L-R56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
Specification for Approval
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
SPECIFICATION FOR APPROVAL
KPEG006 ETC2-KPEG006 Datasheet
108Kb / 6P
SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB160808-600-0.5A XFMRS-XFEB160808-600-0.5A Datasheet
75Kb / 2P
SPECIFICATION FOR APPROVAL
XFEB160808-680-1A XFMRS-XFEB160808-680-1A Datasheet
31Kb / 1P
SPECIFICATION FOR APPROVAL
XFEB201209-121-0.8A XFMRS-XFEB201209-121-0.8A Datasheet
116Kb / 1P
SPECIFICATION FOR APPROVAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com