Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-W456 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W456
Description  ACPL-P456 and ACPL-W456 Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W456 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W456 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W456 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
1.590 ±0.127
0.063 ±0.005
6.81
0.268
7°
7°
0.45
0.018
9.7 ±0.250
0.382 ±0.010
7.62
0.300
0.20 ±0.10
0.008 ±0.004
1±0.250
0.040 ±0.010
0.254 ±0.050
0.010 ±0.002
45°
5 NOM.
0.381 ±0.127
0.015 ±0.005
1.27 BSG
0.050
4.580
0
+0.254
0.180
- 0.000
+0.010
7°
7°
3.180 ±0.127
0.125 ±0.005
10.7
0.421
2.16
0.085
0.76
0.030
1.27
0.050
Floating Lead Protusions max. 0.25 [0.01]
Dimensions in Millimeters [ Inches ]
Lead Coplanarity= 0.1mm [0.004 Inches ]
Package Outline Drawings
ACPL-P456 Stretched SO-6 Package, 7 mm clearance
Ordering Information
ACPL-P456 and ACPL-W456 are UL Recognized with 3750 Vrms (5000 Vrms for ACPL-W456) for 1 minute per UL1577
and are approved under CSA Component Acceptance Notice #5, File CA 88324.
Part number
Option
Package
Surface
Mount
Tape
& Reel
IEC/EN/DIN EN
60747-5-5
Quantity
RoHS Compliant
ACPL-P456
ACPL-W456
-000E
Stretched
SO-6
X
100 per tube
-500E
X
X
1000 per reel
-060E
X
X
100 per tube
-560E
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-P456-560E to order product of Stretched SO-6 package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval in RoHS compliant.
Example 2:
ACPL-P456-000E to order product of Stretched SO-6 package in tube packaging and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com