Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7635 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7635
Description  CABLE CLAMPS AND TIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7635 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7635 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7635 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
TENSILE
FOR
L
W
T
CAT.
STRENGTH
BUNDLE
LENGTH
WIDTH
THICKNESS
NO.
(Min. Bundle)
DIA. (Max.)
(Approx.)
(Approx.)
(Approx.)
8865
18 lbs
1.000 (25.4)
4.250 (108.O) .100 (2.54)
.045 (1.14)
8866
18 lbs
2.000 (50.8)
8.000 (203.2) .100 (2.54)
.045 (1.14)
8867
40 lbs
1.250 (31.8)
6.000 (152.4) .140 (3.56)
.050 (1.27)
8868
50 lbs
1.750 (44.5)
7.500 (190.5) .190 (4.83)
.055 (1.40)
8869
120 lbs
4.000 (101.6) 14.500 (368.3) .190 (4.83)
.055 (1.40)
8870
Hand Operated Cable Tie Installation Tool for 18lb to 50lb Ties
CUSHIONED CABLE CLAMPS
NYLON CABLE CLAMPS
Ideal for securing, insulating and routing cable wiring, piping, tubing, components
and fibre optics.
MATERIAL: .050 (1.27) Nylon 6/6, White
Popular sizes and strengths to meet common cable tie requirements. Injection
molded with one piece construction for strength and reliability. Easily installed
by hand. Optional installation tool available, tightens and flush cuts cable tie.
NYLON CABLE TIES
CAT. NO. 8860
MATERIAL: Natural Nylon 6/6, UL Rated 94V-2
FOR
.062 [1.57]
THICK
PANEL
.065 [1.65]
.400
[10.2]
.220 [5.6]
.380 [9.7]
.190 [4.9]
.320 [8.2]
W
T
L
MATERIAL: .032 (0.81) Stainless Steel
Cushion: EPDM Rubber
.500 [12.7]
L
.250 [6.4]
.203 [5.2]
DIA.
D
D
L
.218
[5.6]
W
H
MATERIAL: Nylon 6/6, UL Rated 94V-2
CAT.
DL
NO.
FOR DIA. CTR TO CTR
8090
.250 (6.4)
.711 (18.1)
8091
.375 (9.5)
.500 (12.7)
8092
.500 (12.7)
.562 (14.3)
8093
.625 (15.9)
.718 (18.2)
8094
.750 (19.1)
.781 (19.8)
8095
.875 (22.2)
.843 (21.4)
8096
1.000 (25.4)
.906 (23.0)
• Ideal for securing in rugged applications
• These cushioned cable clamps secure
tightly and protect against shock and
vibration
These clips snap into PC Boards or Panel chassis and are ideal for securing cable
wiring, piping, tubing, components and fibre optics when used with cable ties.
Recommended Mtg. Hole .187 (4.8) diameter.
CAT.
DL
W
H
NO.
FOR DIA. CTR TO CTR
WIDTH
HOLE
7620
.125 (3.2)
.325 (8.3)
.375 (9.5)
.140 (3.6)
7621
.125 (3.2)
.325 (8.3)
.375 (9.5)
.203 (5.2)
7622
.187 (4.7)
.380 (9.7)
.375 (9.5)
.140 (3.6)
7623
.187 (4.7)
.380 (9.7)
.375 (9.5)
.203 (5.2)
7624
.250 (6.4)
.410 (10.4)
.375 (9.5)
.140 (3.6)
7625
.250 (6.4)
.410 (10.4)
.375 (9.5)
.203 (5.2)
7626
.312 (7.9)
.445 (11.3)
.375 (9.5)
.140 (3.6)
7627
.312 (7.9)
.445 (11.3)
.375 (9.5)
.203 (5.2)
7628
.375 (9.5)
.475 (12.1)
.375 (9.5)
.140 (3.6)
7629
.375 (9.5)
.475 (12.1)
.375 (9.5)
.203 (5.2)
7630
.437 (11.1)
.525 (13.3)
.375 (9.5)
.140 (3.6)
7631
.437 (11.1)
.525 (13.3)
.375 (9.5)
.203 (5.2)
7632
.500 (12.7) .550 (14.0)
.375 (9.5)
.140 (3.6)
7633
.500 (12.7) .550 (14.0)
.375 (9.5)
.203 (5.2)
7634
.562 (14.3) .625 (15.9)
.500 (12.7)
.203 (5.2)
7635
.625 (15.9) .660 (16.8)
.500 (12.7)
.203 (5.2)
7636
.750 (19.1)
.785 (19.9)
.500 (12.7)
.203 (5.2)
7637
.875 (22.2) .845 (21.5)
.500 (12.7)
.203 (5.2)
7638
1.000 (25.4)
.910 (23.1)
.500 (12.7)
.203 (5.2)
7639
1.125 (28.6)
.970 (24.6)
.500 (12.7)
.203 (5.2)
7640
1.250 (31.8) 1.060 (26.9)
.500 (12.7)
.203 (5.2)
CABLE TIE ROUTING CLIP
127
M60 Section 8 FREV3:11-2011
12/15/11
1:04 PM
Page 127


Similar Part No. - 7635

ManufacturerPart #DatasheetDescription
logo
CommScope Inc.
7635442-01 COMMSCOPE-7635442-01 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
7635443-01 COMMSCOPE-7635443-01 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
7635468 COMMSCOPE-7635468 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
logo
FCI connector
76357 FCI-CONNECTOR-76357 Datasheet
44Kb / 1P
CtW CONTACT LOOSE PIECE
logo
TE Connectivity Ltd
763596-1 TEC-763596-1 Datasheet
107Kb / 3P
Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 7635

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
Hook and Loop Cable Ties
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com