Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT1632-F-R050F Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # RLT1632-F-R050F
Description  1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLT1632-F-R050F Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  RLT1632-F-R050F Datasheet HTML 1Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 2Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 3Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 4Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 5Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 6Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 7Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 8Page - Delta Electronics, Inc. RLT1632-F-R050F Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRK5F0000NH
REVISION
: A1
PAGE
: 5 OF 9
6-3 Endurance
Item
Specification and Requirement
Test Method (JIS 5201)
Rapid Change of
Temperature
△ R:±1.0%
Without distinct damage in
appearance
(1) Repeat 5 cycle as follow:
(-55 ± 3℃,30minutes)
→(Room temperature, 2~3
minutes)
→(+125 ± 2℃,30minutes)
→(Room temperature 2~3
minutes)
(2) Measuring resistance
1 hour after test
Moisture with Load
△ R: ±5.0%
Without distinct damage in
appearance
(1) Environment condition:
40 ± 2℃,90~95% RH
(2) Applied Voltage: rated voltage
(3) Test period: (1.5 hour ON)
→(0.5 hour OFF) cycled for
total
1,000 + 48 / - 0 hours
(4) Measuring resistance
1 hour after test
Load Life
△ R: ±5.0%
Without distinct
damage in appearance
(1) Test temperature: 70 ± 3℃
(2) Applied Voltage: rated voltage
(3) Test period: (1.5 hour ON)
→(0.5 hour OFF) cycled for
total
1,000 + 48 / - 0 hours
(4) Measuring resistance
1 hour after test
Low Temperature Store
△ R: ± 5.0%
Without distinct
damage in appearance
(1) Store temperature:
-55 ± 3℃ for total
1,000 + 48 / - 0 hours
(2) Measuring resistance
1 hour after test
High Temperature Store
△ R: ± 5.0%
Without distinct
damage in appearance
(1) Store temperature:
+125 ± 2℃ for total
1,000 + 48 / - 0 hours
(2) Measuring resistance
1 hour after test



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com