Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLW2012-4-R005G Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # RLW2012-4-R005G
Description  1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLW2012-4-R005G Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  RLW2012-4-R005G Datasheet HTML 1Page - Delta Electronics, Inc. RLW2012-4-R005G Datasheet HTML 2Page - Delta Electronics, Inc. RLW2012-4-R005G Datasheet HTML 3Page - Delta Electronics, Inc. RLW2012-4-R005G Datasheet HTML 4Page - Delta Electronics, Inc. RLW2012-4-R005G Datasheet HTML 5Page - Delta Electronics, Inc. RLW2012-4-R005G Datasheet HTML 6Page - Delta Electronics, Inc. RLW2012-4-R005G Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRL40000NH
REVISION
: A0
PAGE
: 6 OF 7
7. Packaging
7-1 Dimensions
7-1-1 Tape packaging dimensions
※ Pre-emptied holes : 150 holes (or 30cm) or more.
Code letter
A
B
Unit : mm
Dimension
1.45
± 0.10 2.25 ± 0.10
7-1-2 Reel Dimensions (Plastic reel : Correspond with EIAJ RRV08B)
Label
105 x 50
13 ± 0.2
28 ± 0.8
9 ± 0.3
13 ± 1.4
180
+0
-3
R1
2
105
Unit : mm
1.5
0.1
0.0
Carrier cavity
Sprocket hole
CHIP
1.75 ±0.1
8.0 ± 0.3
3.5 ± 0.05
2.0 ± 0.05
4.0 ± 0.1
Pull Direction
4.0 ± 0.1
B
A
0.6 ± 0.10
0.65 ± 0.10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com