Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1129 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1129
Description  400mV Dropout Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1129 Datasheet HTML 8Page - Linear Technology LT1129 Datasheet HTML 9Page - Linear Technology LT1129 Datasheet HTML 10Page - Linear Technology LT1129 Datasheet HTML 11Page - Linear Technology LT1129 Datasheet HTML 12Page - Linear Technology LT1129 Datasheet HTML 13Page - Linear Technology LT1129 Datasheet HTML 14Page - Linear Technology LT1129 Datasheet HTML 15Page - Linear Technology LT1129 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
13
112935ff
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIONS INFORMATION
F Package
20-Lead Plastic TSSOP (4.4mm)
(LTC DWG # 05-08-1650)
OBSOLETE PACKAGE
F20 TSSOP 0204
0.09 – 0.20
(.0035 – .0079)
0° – 8°
0.25
REF
0.50 – 0.75
(.020 – .030)
4.30 – 4.50**
(.169 – .177)
13
4
5 6 7 89 10
11
12
14 13
6.40 – 6.60*
(.252 – .260)
20 19 18 17 16 15
1.10
(.0433)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
6.40
(.252)
BSC
0.19 – 0.30
(.0075 – .0118)
TYP
2
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
*
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
RECOMMENDED SOLDER PAD LAYOUT
0.45 ±0.05
0.65 BSC
4.50 ±0.10
6.60 ±0.10
1.05 ±0.10
Table 4. Fault Conditions
INPUT PIN
SHDN PIN
OUTPUT PIN
< VOUT (Nominal)
Open (Hi)
Forced to VOUT (Nominal)
Reverse Output Current ≈ 15μA (See Figure 3)
Input Current ≈ 1μA (See Figure 4)
< VOUT (Nominal)
Grounded
Forced to VOUT (Nominal)
Reverse Output Current ≈ 15μA (See Figure 3)
Input Current ≈ 1μA (See Figure 4)
Open
Open (Hi)
Forced to VOUT (Nominal)
Reverse Output Current ≈ 15μA (See Figure 3)
Open
Grounded
Forced to VOUT (Nominal)
Reverse Output Current ≈ 15μA (See Figure 3)
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com