Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT1632-4-R050F Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # RLT1632-4-R050F
Description  1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLT1632-4-R050F Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  RLT1632-4-R050F Datasheet HTML 1Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 2Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 3Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 4Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 5Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 6Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 7Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 8Page - Delta Electronics, Inc. RLT1632-4-R050F Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TITLE : The Engineering Specification for RLT1632 1/2W
Low Resistance Chip Resistor
DOCUMENT
NO.
SRK540000NH
PAGE
REV.
A1
UNLESS OTHERWISE SPECIFIED
TOLERANCES ON ﹕
X
= ±
X.X
= ±
X.XX
= ±
ANGLES ±
HOLE DIA. ±
SCALE ﹕
X
UNIT ﹕ X
APPROVED
BY ﹕
DRAWN
BY ﹕connie 4/3/13
DESIGNED
BY ﹕
CHECKED
BY ﹕
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
Delta Electronics, Inc.
PAGE
3
OF
9
5. Marking
Each Resistor is marked with 4 digits code on the protective coating to designate to the nominal
resistance value.
0.05
≦
R
<
10
Ω , Marking 4 digits
EX)
0.05
Ω
→
R050
,
0.1
Ω
→
R100
4.7
Ω
→
4R70
,
10
Ω
→
10R0
6. Characteristics
6-1 Electrical
Item
Specification and Requirement
Test Method (JIS 5201)
Temperature Coefficient
of Resistance(ppm/
℃
)
As follow table 1.
Room temperature
Room temperature +100
℃
Short Time Overload
△ R:±1.0%
Without damage by flashover, spark,
arcing, burning or breakdown
(1) Applied voltage: 2.5 x rated
voltage
(2) Test time: 5 seconds
Insulation Resistance
Over 100 M
Ω on Overcoat layer
face up
Over 1,000 M
Ω on Substrate side
face up
(1) Setup as figure 1
(2) Test voltage: 100VDC±15VDC
(3) Test time: 60 + 10 / - 0 seconds
Voltage Proof
Resistance range:±1.0%
Without damage by flashover, spark,
arcing, burning or breakdown
(1) Setup as figure 1
(2) Test voltage: 400VAC(rms.)
(3) Test time: 60 + 10 / - 0 seconds
Insulation Plate
Spring
Sample Electrode
Metal Block
Measurement Point B
Pressure Rod
(Metal)
Measurement Point A
Substrate
Over coat Film
Figure 1 : Measurment Setup
(R=0.5 mm)
A
B
Voltage Supply
Substrate Side



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com