Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT1220-3-R050F Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # RLT1220-3-R050F
Description  1/4W, 0805, Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLT1220-3-R050F Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  RLT1220-3-R050F Datasheet HTML 1Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 2Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 3Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 4Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 5Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 6Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 7Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 8Page - Delta Electronics, Inc. RLT1220-3-R050F Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRK430000NH
REVISION
: A1
PAGE
: 4 OF 9
6-2
Mechanical
Item
Specification and Requirement
Test Method (JIS 5201)
Solderability
The surface of terminal immersed
shall be minimum of 95% covered
with a new coating of solder
Solder bath:
After immersing in flux, dip in
245
± 5℃ molten solder bath for 2 ±
0.5 seconds
Resistance to Solder
Heat
△ R: ± 1.0%
Without distinct deformation in
appearance
(1) Pre-heat: 100~110℃
for 30 seconds
(2) Immersed at solder bath of
270 ± 5℃ for 10 ± 1
seconds
(3) Measuring resistance 1
hour after test
Bending Test
△ R: ± 1.0%
Without mechanical damage such as
break
Bending value: 3 mm for 30 ± 1
seconds
Solvent Resistance
Without mechanical and distinct
damage in appearance
(1) Solvent: Trichloroethane
or Isopropyl alcohol
(2) Immersed in solvent at room
temperature for 300 seconds



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com