Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1721 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1721
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1721 Datasheet HTML 3Page - Linear Technology LT1721 Datasheet HTML 4Page - Linear Technology LT1721 Datasheet HTML 5Page - Linear Technology LT1721 Datasheet HTML 6Page - Linear Technology LT1721 Datasheet HTML 7Page - Linear Technology LT1721 Datasheet HTML 8Page - Linear Technology LT1721 Datasheet HTML 9Page - Linear Technology LT1721 Datasheet HTML 10Page - Linear Technology LT1721 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT1720/LT1721
7
17201fc
TEST CIRCUITS
+
–
–
+
DUT
1/2 LT1720 OR
1/4 LT1721
15VP-P
BANDWIDTH-LIMITED
TRIANGLE WAVE
~1kHz
LTC203
1/2 LT1112
50Ω
100k
100k
2.4k
10nF
1μF
0.15μF
1/2 LT1638
1/2 LT1638
100k
100k
200k
10k
10k
1000
VHYST
1000
VTRIP
+
1000
VTRIP
–
1000
VOS
0.1μF
50Ω
50k
VCM
VCC
+
–
1/2 LT1112
17201 TC01
10nF
1μF
NOTES: LT1638, LT1112, LTC203s ARE POWERED FROM 15V.
200kW PULL-DOWN PROTECTS LTC203 LOGIC INPUTS
WHEN DUT IS NOT POWERED
15
3
2
14
16
9
1
8
10
6
7
11
LTC203
2
14
15
3
1
8
16
9
7
11
10
6
±VTRIP Test Circuit
Response Time Test Circuit
–
+
–3V
–100mV
–5V
PULSE
IN
0V
0V
50Ω
1N5711
400Ω
130Ω
25Ω
50Ω
+VCC – VCM
–VCM
50k
DUT
1/2 LT1720 OR
1/4 LT1721
25Ω
0.1μF
17201 TC02
10
SCOPE PROBE
(CIN ≈ 10pF)
0.01μF
0.01μF
750Ω
2N3866
V1*
*V1 = –1000 • (OVERDRIVE
VTRIP
+)
NOTE: RISING EDGE TEST SHOWN.
FOR FALLING EDGE, REVERSE LT1720 INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com