Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1720CS8 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1720CS8
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720CS8 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1720CS8 Datasheet HTML 17Page - Linear Technology LT1720CS8 Datasheet HTML 18Page - Linear Technology LT1720CS8 Datasheet HTML 19Page - Linear Technology LT1720CS8 Datasheet HTML 20Page - Linear Technology LT1720CS8 Datasheet HTML 21Page - Linear Technology LT1720CS8 Datasheet HTML 22Page - Linear Technology LT1720CS8 Datasheet HTML 23Page - Linear Technology LT1720CS8 Datasheet HTML 24Page - Linear Technology LT1720CS8 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT1720/LT1721
21
17201fc
APPLICATIONS INFORMATION
Figure 16. 10ns Triple Overlap Generator
VCC
–
+
U1A
1/4 LT1721
–
+
U1B
1/4 LT1721
–
+
U1D
1/4 LT1721
–
+
U1C
1/4 LT1721
681Ω
681Ω
1.37k
VCC
909Ω
215Ω
VCC
INPUT
OUTPUTS
VREF
100pF
453Ω
1k
750Ω
VCC
10ns
10ns
10ns
17201 F16
10ns
4.22k
Figure 17. Fast Waveform Sampler Using the LT1720 for Timing-Skew Compensation
–
+
5V
2.2k
2.2k
INPUT
100mV FULL SCALE
1k
LT1227
909Ω
100Ω
OUTPUT
1V FULL SCALE
5V
AC BALANCE
3pF
3.6k
1.5k
0.1μF
CIN
CIN
2k
2k
10pF
SKEW
COMP
2.5k
1.1k
1.1k
1.1k
1.1k
820Ω
820Ω
MRF501
MRF501
LM3045
11
9
6
8
DC BALANCE
500Ω
51Ω
51Ω
10
7
680Ω
–5V
17201 F17
13
= 1N5711
= CA3039 DIODE ARRAY
(SUBSTRATE TO –5V)
–
+
1/2 LT1720
–
+
1/2 LT1720
SAMPLE
COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com