Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1072CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1072CS8
Description  Available in MiniDiP, TO-220, and TO-3 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1072CS8 Datasheet HTML 8Page - Linear Technology LT1072CS8 Datasheet HTML 9Page - Linear Technology LT1072CS8 Datasheet HTML 10Page - Linear Technology LT1072CS8 Datasheet HTML 11Page - Linear Technology LT1072CS8 Datasheet HTML 12Page - Linear Technology LT1072CS8 Datasheet HTML 13Page - Linear Technology LT1072CS8 Datasheet HTML 14Page - Linear Technology LT1072CS8 Datasheet HTML 15Page - Linear Technology LT1072CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1072
1072fc
LW/TP 1102 1K REV C • PRINTED IN USA
 LINEAR TECHNOLOGY CORPORATION 1988
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1070/HV
5A ISW, 40kHz, High Efficiency Switching Regulator
VIN=3V to 40/60V, VOUT up to 65/75V, IQ=6mA, ISD<50µA, TO220-5
Package
LT1071/HV
2.5A ISW, 40kHz, High Efficiency Switching Regulator VIN=3V to 40/60V, VOUT up to 65/75V, IQ=6mA, ISD<50µA,TO220-5 Package
LT1082
1A ISW, 60kHz, High Efficiency Switching Regulator
VIN=3V to 75V, VOUT up to 100V, IQ=4.5mA, ISD<120µA, DD, N8, TO220-5
Packages
LT1170/HV
5A ISW, 100kHz, High Efficiency Switching Regulator
VIN=3V to 40/60V, VOUT up to 65/75V, IQ=6mA, ISD<50µA, DD, N8, S16,
TO220-5 Packages
LT1171/HV
2.5A ISW, 100kHz, High Efficiency Switching
VIN=3V to 40/60V, VOUT up to 65/75V, IQ=6mA, ISD<50µA, DD, N8, S16,
Regulator
TO220-5 Packages
LT1172/HV
1.25A ISW, 100kHz, High Efficiency Switching
VIN=3V to 40/60V, VOUT up to 65/75V, IQ=6mA, ISD<50µA, DD, N8, S16,
Regulator
TO220-5 Packages
LT1307/LT1307B
600mA ISW, 600kHz, High Efficiency Switching
VIN=1V to 12V, VOUT up to 28V, IQ=50µA/1mA, ISD<1µA, MS8, N8, S8
Regulator
Packages
LT1317/LT1317B
600mA ISW, 600kHz, High Efficiency Switching
VIN=1.5V to 12V, VOUT up to 28V, IQ=100µA/4.8mA, ISD<30µA/28µA, MS8,
Regulator
S8 Packages
LT1370/HV
6A ISW, 500kHz, High Efficiency Switching Regulator
VIN=2.7V to 30V, VOUT up to 35/42V, IQ=4.5mA, ISD<12µA, DD, T0220-7
Packages
LT1371/HV
3A ISW, 500kHz, High Efficiency Switching Regulator
VIN=2.7V to 30V, VOUT up to 35/42V, IQ=4mA, ISD<12µA, DD, S20,
T0220-7 Packages
T Package
5-Lead Plastic TO-220 (Standard)
(Reference LTC DWG # 05-08-1421)
PACKAGE DESCRIPTIO
RELATED PARTS
T5 (TO-220) 0801
.028 – .038
(0.711 – 0.965)
.067
(1.70)
.135 – .165
(3.429 – 4.191)
.700 – .728
(17.78 – 18.491)
.045 – .055
(1.143 – 1.397)
.095 – .115
(2.413 – 2.921)
.013 – .023
(0.330 – 0.584)
.620
(15.75)
TYP
.155 – .195*
(3.937 – 4.953)
.152 – .202
(3.861 – 5.131)
.260 – .320
(6.60 – 8.13)
.165 – .180
(4.191 – 4.572)
.147 – .155
(3.734 – 3.937)
DIA
.390 – .415
(9.906 – 10.541)
.330 – .370
(8.382 – 9.398)
.460 – .500
(11.684 – 12.700)
.570 – .620
(14.478 – 15.748)
.230 – .270
(5.842 – 6.858)
BSC
SEATING PLANE
* MEASURED AT THE SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com