Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1721CS Datasheet(PDF) 23 Page - Linear Technology

Part # LT1721CS
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721CS Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1721CS Datasheet HTML 19Page - Linear Technology LT1721CS Datasheet HTML 20Page - Linear Technology LT1721CS Datasheet HTML 21Page - Linear Technology LT1721CS Datasheet HTML 22Page - Linear Technology LT1721CS Datasheet HTML 23Page - Linear Technology LT1721CS Datasheet HTML 24Page - Linear Technology LT1721CS Datasheet HTML 25Page - Linear Technology LT1721CS Datasheet HTML 26Page - Linear Technology LT1721CS Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT1720/LT1721
23
17201fc
APPLICATIONS INFORMATION
Coincidence Detector
High speed comparators are especially suited for interfac-
ing pulse-output transducers, such as particle detectors,
to logic circuitry. The matched delays of a monolithic dual
are well suited for those cases where the coincidence of
two pulses needs to be detected. The circuit of Figure 19
is a coincidence detector that uses an LT1720 and discrete
components as a fast AND gate.
The reference level is set to 1V, an arbitrary threshold. Only
when both input signals exceed this will a coincidence
be detected. The Schottky diodes from the comparator
outputs to the base of the MRF-501 form the AND gate,
while the other two Schottkys provide for fast turn-off.
A logic AND gate could instead be used, but would add
considerably more delay than the 300ps contributed by
this discrete stage.
This circuit can detect coincident pulses as narrow as 3ns.
For narrower pulses, the output will degrade gracefully,
responding, but with narrow pulses that don’t rise all the
way to “high” before starting to fall. The decision delay is
4.5ns with input signals 50mV or more above the refer-
ence level. This circuit creates a TTL compatible output
but it can typically drive CMOS as well.
For a more detailed description of the operation of this
circuit, see Application Note 75, pages 10 and 11.
Figure 19. A 3ns Coincidence Detector
5V
3.9k
1k
0.1μF
51Ω
51Ω
300Ω
300Ω
5V
5V
4 1N5711
MRF501
OUTPUT
GROUND
CASE LEAD
COINCIDENCE COMPARATORS
300ps AND GATE
17201 F19
1/2 LT1720
–
+
1/2 LT1720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com