Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1632 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1632
Description  325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1632 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1632 Datasheet HTML 9Page - Linear Technology LT1632 Datasheet HTML 10Page - Linear Technology LT1632 Datasheet HTML 11Page - Linear Technology LT1632 Datasheet HTML 12Page - Linear Technology LT1632 Datasheet HTML 13Page - Linear Technology LT1632 Datasheet HTML 14Page - Linear Technology LT1632 Datasheet HTML 15Page - Linear Technology LT1632 Datasheet HTML 16Page - Linear Technology LT1632 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT1806/LT1807
13
18067fc
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN PIN VOLTAGE (V)
0
–60
–20
20
4
18067 G13
–100
–140
–80
–40
0
–120
–160
–180
1
2
3
5
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
OUTPUT VOLTAGE (V)
0
–500
–300
–100
100
0.5
1.0
1.5
2.0
18067 G14
2.5
300
500
–400
–200
0
200
400
3.0
RL = 1k
RL = 100Ω
VS = 3V, 0V
RL TO GND
OUTPUT VOLTAGE (V)
0
–500
–300
–100
100
0.5 1.0 1.5 2.0
18067 G15
2.5
300
500
–400
–200
0
200
400
3.0 3.5 4.0 4.5 5.0
RL = 1k
RL = 100Ω
VS = 5V, 0V
RL TO GND
SHDN Pin Current
vs SHDN Pin Voltage
Open-Loop Gain
Open-Loop Gain
OUTPUT VOLTAGE (V)
–5
–500
–300
–100
100
–4 –3 –2 –1
18067 G16
0
300
500
–400
–200
0
200
400
12345
RL = 1k
RL = 100Ω
VS = 5V
OUTPUT CURRENT (mA)
–100
–2.5
–1.5
–0.5
0.5
–80 –60 –40 –20
18067 G17
0
1.5
2.5
–2.0
–1.0
0
1.0
2.0
20 40 60 80 100
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V
TIME AFTER POWER-UP (SEC)
0
25
30
35
160
140
120
100
80
18067 G18
20
15
0
20
40
60
10
5
45
40
VS = 5V
VS = 2.5V
VS = 1.5V
Open-Loop Gain
Offset Voltage vs Output Current
Warm-Up Drift
vs Time (LT1806S8)
FREQUENCY (kHz)
0.1
0
8
10
12
1
10
100
18067 G19
6
4
2
VS = 5V, 0V
NPN ACTIVE
VCM = 4.5V
PNP ACTIVE
VCM = 2.5V
FREQUENCY (kHz)
0.1
0
8
10
12
1
10
100
18067 G19
6
4
2
VS = 5V, 0V
NPN ACTIVE
VCM = 4.5V
PNP ACTIVE
VCM = 2.5V
TIME (SEC)
0
200
600
1000
8
18067 G21
–200
–600
0
400
800
–400
–800
–1000
2
1
4
3
67
9
5
10
Input Noise Voltage vs Frequency
Input Noise Current vs Frequency
0.1Hz to 10Hz
Output Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com