Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1399 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1399
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 4 Page - Linear Technology

  LT1399 Datasheet HTML 1Page - Linear Technology LT1399 Datasheet HTML 2Page - Linear Technology LT1399 Datasheet HTML 3Page - Linear Technology LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT1806/LT1807
4
18067fc
The
l denotes the specifications which apply over the 0°C < TA < 70°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short-Circuit Current
VS = 5V
VS = 3V
±35
±30
±85
±65
mA
mA
IS
Supply Current per Amplifier
913
mA
Disable Supply Current
VS = 5V, VSHDN = 0.3V
VS = 3V, VSHDN = 0.3V
0.40
0.22
0.9
0.7
mA
mA
ISHDN
SHDN Pin Current
VS = 5V, VSHDN = 0.3V
VS = 3V, VSHDN = 0.3V
150
100
350
300
μA
μA
Shutdown Output Leakage Current
VSHDN = 0.3V
0.1
75
μA
VL
SHDN Pin Input Voltage LOW
0.3
V
VH
SHDN Pin Input Voltage HIGH
V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω
50
ns
GBW
Gain-Bandwidth Product
Frequency = 6MHz
325
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4V
125
V/μs
FPBW
Full-Power Bandwidth
VS = 5V, VOUT = 4VP-P
10
MHz
HD
Harmonic Distortion
VS = 5V, AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz
–78
dBc
tS
Settling Time
0.01%, VS = 5V, VSTEP = 2V, AV = 1, RL = 1k
60
ns
ΔG
Differential Gain (NTSC)
VS = 5V, AV = 2, RL = 150
0.015
%
Δθ
Differential Phase (NTSC)
VS = 5V, AV = 2, RL = 150
0.05
Deg
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
VCM = V–
VCM = V+ (LT1806 SOT-23)
VCM = V– (LT1806 SOT-23)
l
l
l
l
200
200
200
200
700
700
850
850
μV
μV
μV
μV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V+
VCM = V–
l
l
1.5
1.5
5
5
μV/°C
μV/°C
ΔVOS
Input Offset Voltage Shift
VCM = V– to V+
VCM = V– to V+ (LT1806 SOT-23)
l
l
100
100
700
850
μV
μV
Input Offset Voltage Match (Channel-to-Channel)
(Note 10)
VCM = V–, VCM = V+
l
300
1200
μV
IB
Input Bias Current
VCM = V+ – 0.2V
VCM = V– + 0.4V
l
l
–15
1
–5
5μA
μA
ΔIB
Input Bias Current Shift
VCM = V– + 0.4V to V+ – 0.2V
l
620
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com