Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT0510-1-R100J Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # RLT0510-1-R100J
Description  1/16W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLT0510-1-R100J Datasheet(HTML) 9 Page - Delta Electronics, Inc.

  RLT0510-1-R100J Datasheet HTML 1Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 2Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 3Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 4Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 5Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 6Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 7Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 8Page - Delta Electronics, Inc. RLT0510-1-R100J Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRK210000NH
REVISION
: A2
PAGE
: 9 OF 9
9. Carenote
9-1 Care note for storage
(1) Chip resistor shall be stored in a room where temperature and humidity must be controlled.
(temperature 5 to 35℃, humidity 45 to 85% RH) However, a humidity keep it low, as it is
possible.
(2) Chip resistor shall be stored as direct sunshine doesn’t hit on it.
(3) Chip resistor shall be stored with no moisture, dust, a material that will make solderability
inferior, and a harmful gas (Chloridation hydrogen, sulfurous acid gas, and sulfuration
hydrogen)
9-2 Carenote for operating and handling
(1) It is necessary to protect the edge and protection coat of resistors from mechanical stress.
(2) Handle with care when printing circuit board (PCB) is divided or fixed on support body,
because bending of printing circuit board (PCB) mounting will make mechanical stress for
resistors.
(3) Resistors shall be used with in rated range shown in specification. Especially, if voltage more
than specified value will be loaded to resistor, there is a case it will make damage for machine
because of temperature rise depending on generating of heat, and increase resistance value or
breaks.
(4) In case that resistor is loaded a rated voltage, it is necessary to confirms temperature of a
resistor and to reduce a load power according to load reduction curve, because a temperature
rise of a resistor depends on influence of heat from mounting density and neighboring
element.
(5) Observe Limiting element voltage and maximum overload voltage specified in each
specification
(6) If there is possibility that a large voltage (pulse voltage, shock voltage) charge to resistor, it is
necessary that operating condition shall be set up before use.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com