Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1809 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1809
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1809 Datasheet HTML 17Page - Linear Technology LT1809 Datasheet HTML 18Page - Linear Technology LT1809 Datasheet HTML 19Page - Linear Technology LT1809 Datasheet HTML 20Page - Linear Technology LT1809 Datasheet HTML 21Page - Linear Technology LT1809 Datasheet HTML 22Page - Linear Technology LT1809 Datasheet HTML 23Page - Linear Technology LT1809 Datasheet HTML 24Page - Linear Technology LT1809 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT1806/LT1807
21
18067fc
TYPICAL APPLICATIONS
Driving A/D Converter
The LT1806/LT1807 have 60ns settling time to 0.01% on
a 2V step signal, and 20Ω output impedance at 100MHz,
that makes them ideal for driving high speed A/D convert-
ers. With the rail-to-rail input and output, and low supply
voltage operation, the LT1806/LT1807 are also desirable
for single supply applications. As shown in the application
on the front page of this data sheet, the LT1807 drives a
10Msps, 12-bit, LTC1420 ADC in a gain of 20. Driving the
LTC1420 differentially will optimize the signal-to-noise
ratio, SNR, and the total harmonic distortion, THD, of the
A/D converter. The lowpass filter, R5, R6 and C3 reduce
noise or distortion products that might come from the input
signal. High quality capacitors and resistors, NPO chip
capacitor and metal film surface mount resistors, should
be used since these components can add to distortion.
The voltage glitch of the converter, due to its sampling
nature is buffered by the LT1807, and the ability of the
amplifier to settle it quickly will affect the spurious free
dynamic range of the system. Figure 2 depicts the LT1806
driving LTC1420 at noninverting gain of 2 configuration.
The FFT responses show a better than 92dB of spurious
free dynamic range, SFDR.
Figure 2. Noninverting A/D Driver
–
+
LT1806
LTC1420
PGA GAIN = 1
REF = 2.048V
5V
5V
12 BITS
10Msps
–5V
–5V
•
•
•
R2
1k
R1
1k
VIN
1.5VP-P
C1
470pF
–AIN
18067 F02
+AIN
R3
49.9Ω
Figure 3. 4096 Point FFT Response
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
0
123
4
18067 F03
5
VS = 5V
AV = 2
fSAMPLE = 10Msps
fIN = 1.4086MHz
SFDR = 92.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com