Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1963
Description  400mV Dropout Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 3 Page - Linear Technology

  LT1963 Datasheet HTML 1Page - Linear Technology LT1963 Datasheet HTML 2Page - Linear Technology LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
3
112935ff
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1129IS8-5#PBF
LT1129IS8-5#TRPBF
1129I5
8-Lead Plastic SO
–40°C to 125°C
LT1129CST-3.3#PBF
LT1129CST-3.3#TRPBF
11293
3-Lead Plastic SOT-223
0°C to 125°C
LT1129IST-3.3#PBF
LT1129IST-3.3#TRPBF
129I3
3-Lead Plastic SOT-223
–40°C to 125°C
LT1129MPST-3.3#PBF
LT1129MPST-3.3#TRPBF
129MP3
3-Lead Plastic SOT-223
–55°C to 125°C
LT1129CST-5#PBF
LT1129CST-5#TRPBF
11295
3-Lead Plastic SOT-223
0°C to 125°C
LT1129IST-5#PBF
LT1129IST-5#TRPBF
129I5
3-Lead Plastic SOT-223
–40°C to 125°C
LT1129CQ#PBF
LT1129CQ#TRPBF
LT1129CQ
5-Lead Plastic DD-PAK
0°C to 125°C
LT1129IQ#PBF
LT1129IQ#TRPBF
LT1129IQ
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1129CQ-3.3#PBF
LT1129CQ-3.3#TRPBF
LT1129CQ-3.3
5-Lead Plastic DD-PAK
0°C to 125°C
LT1129IQ-3.3#PBF
LT1129IQ-3.3#TRPBF
LT1129IQ-3.3
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1129CQ-5#PBF
LT1129CQ-5#TRPBF
LT1129CQ-5
5-Lead Plastic DD-PAK
0°C to 125°C
LT1129IQ-5#PBF
LT1129IQ-5#TRPBF
LT1129IQ-5
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1129CT#PBF
LT1129CT#TRPBF
LT1129CT
5-Lead Plastic TO-220
0°C to 125°C
LT1129IT#PBF
LT1129IT#TRPBF
LT1129IT
5-Lead Plastic TO-220
–40°C to 125°C
LT1129CT-3.3#PBF
LT1129CT-3.3#TRPBF
LT1129CT-3.3
5-Lead Plastic TO-220
0°C to 125°C
LT1129IT-3.3#PBF
LT1129IT-3.3#TRPBF
LT1129IT-3.3
5-Lead Plastic TO-220
–40°C to 125°C
LT1129CT-5#PBF
LT1129CT-5#TRPBF
LT1129CT-5
5-Lead Plastic TO-220
0°C to 125°C
LT1129IT-5#PBF
LT1129IT-5#TRPBF
LT1129IT-5
5-Lead Plastic TO-220
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1129CS8
LT1129CS8#TR
1129
8-Lead Plastic SO
0°C to 125°C
LT1129IS8
LT1129IS8#TR
1129I
8-Lead Plastic SO
–40°C to 125°C
LT1129CS8-3.3
LT1129CS8-3.3#TR
11293
8-Lead Plastic SO
0°C to 125°C
LT1129IS8-3.3
LT1129IS8-3.3#TR
1129I3
8-Lead Plastic SO
–40°C to 125°C
LT1129CS8-5
LT1129CS8-5#TR
11295
8-Lead Plastic SO
0°C to 125°C
LT1129IS8-5
LT1129IS8-5#TR
1129I5
8-Lead Plastic SO
–40°C to 125°C
LT1129CST-3.3
LT1129CST-3.3#TR
11293
3-Lead Plastic SOT-223
0°C to 125°C
LT1129IST-3.3
LT1129IST-3.3#TR
129I3
3-Lead Plastic SOT-223
–40°C to 125°C
LT1129MPST-3.3
LT1129MPST-3.3#TR
129MP3
3-Lead Plastic SOT-223
–55°C to 125°C
LT1129CST-5
LT1129CST-5#TR
11295
3-Lead Plastic SOT-223
0°C to 125°C
LT1129IST-5
LT1129IST-5#TR
129I5
3-Lead Plastic SOT-223
–40°C to 125°C
LT1129CQ
LT1129CQ#TR
LT1129CQ
5-Lead Plastic DD-PAK
0°C to 125°C
LT1129IQ
LT1129IQ#TR
LT1129IQ
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1129CQ-3.3
LT1129CQ-3.3#TR
LT1129CQ-3.3
5-Lead Plastic DD-PAK
0°C to 125°C
LT1129IQ-3.3
LT1129IQ-3.3#TR
LT1129IQ-3.3
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1129CQ-5
LT1129CQ-5#TR
LT1129CQ-5
5-Lead Plastic DD-PAK
0°C to 125°C
LT1129IQ-5
LT1129IQ-5#TR
LT1129IQ-5
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1129CT
LT1129CT#TR
LT1129CT
5-Lead Plastic TO-220
0°C to 125°C
LT1129IT
LT1129IT#TR
LT1129IT
5-Lead Plastic TO-220
–40°C to 125°C
LT1129CT-3.3
LT1129CT-3.3#TR
LT1129CT-3.3
5-Lead Plastic TO-220
0°C to 125°C
LT1129IT-3.3
LT1129IT-3.3#TR
LT1129IT-3.3
5-Lead Plastic TO-220
–40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com