Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 15321
Description  TERMINAL BOARDS & STRIPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

15321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  15321 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
142
TURRET TERMINAL BOARDS
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
QUICK-FIT TERMINAL STRIPS
A
.375 [9.5]
.187 [4.8]
L
.500 [12.7]
.128 [3.3] DIA. (2) PLS
.062 [1.57]
BACKING
INSULATOR
.031 (.79)
FIBER
A
NO. TERM.
BACKING STRIP
L
MTG.
EACH
CAT.
CAT.
LENGTH
CENTERS
SIDE
NO.
NO.
1.500 (38.1)
1.125 (28.6)
2
4116
4401
2.250 (57.2)
1.875 (47.6)
4
4117
4402
3.000 (76.2)
2.625 (66.7)
6
4118
4403
3.750 (95.3)
3.375 (85.7)
8
4119
4404
4.500 (114.3) 4.125 (104.8)
10
4120
4405
MATERIAL: Fiberglass - NEMA GRADE GPO-3.
A glass polyester rated for continuous
operation at 300°F (155°C) .062 (1.57)
Backing Strips: .031 (.79) fibre with
mounting holes drilled only
Terminals: Brass
CAT. NO. 1257 .032 (.81) Bright Brass
Other platings available on special order
NO. OF
L
A
TERMS
CAT. NO.
CAT. NO.
CAT. NO.
CAT. NO.
1.125 (28.6)
.750 (19.1)
1
603-1
609-1
604-1
607-1
1.500 (38.1)
1.125 (28.6)
2
603-2
609-2
604-2
607-2
1.875 (47.6)
1.500 (38.1)
3
603-3
609-3
604-3
607-3
2.250 (57.2)
1.875 (47.6)
4
603-4
609-4
604-4
607-4
2.625 (66.7)
2.250 (57.2)
5
603-5
609-5
604-5
607-5
3.000 (76.2)
2.625 (66.7)
6
603-6
609-6
604-6
607-6
3.375 (85.7)
3.000 (76.2)
7
603-7
609-7
604-7
607-7
3.750 (95.3)
3.375 (85.7)
8
603-8
609-8
604-8
607-8
4.125 (104.8) 3.750 (95.3)
9
603-9
609-9
604-9
607-9
4.500 (114.3)
4.125 (104.8)
10
603-10
609-10
604-10
607-10
NO. OF
MATERIAL
MATERIAL
TERMS
PBE
GEE
W
S
L
EACH SIDE
CAT. NO.
CAT. NO.
2.625 (66.7)
5
15101
15301
5.250 (133.4)
12
15102
15302
.500 [12.7]
Single Row
7.875 (200.0)
19
15103
15303
10.500 (266.7)
26
15104
15304
13.125 (333.4)
33
15105
15305
2.625 (66.7)
5
15106
15306
5.250 (133.4)
12
15107
15307
1.188 (30.2)
.750 (19.1)
7.875 (200.0)
19
15108
15308
10.50 (266.7)
26
15109
15309
13.125 (333.4)
33
15110
15310
2.625 (66.7)
5
15111
15311
5.250 (133.4)
12
15112
15312
1.500 (38.1) 1.000 (25.4)
7.875 (200.0)
19
15113
15313
10.500 (266.7)
26
15114
15314
13.125 (333.4)
33
15115
15315
2.625 (66.7)
5
15116
15316
5.250 (133.4)
12
15117
15317
2.000 (50.8) 1.500 (38.1)
7.875 (200.0)
19
15118
15318
10.500 (266.7)
26
15119
15319
13.125 (333.4)
33
15120
15320
2.625 (66.7)
5
15121
15321
5.250 (133.4)
12
15122
15322
2.500 (63.5) 2.000 (50.8)
7.875 (200.0)
19
15123
15323
10.500 (266.7)
26
15124
15324
13.125 (333.4)
33
15125
15325
2.625 (66.7)
5
15126
15326
5.250 (133.4)
12
15127
15327
3.000 (76.2) 2.500 (63.5)
7.875 (200.0)
19
15128
15328
10.500 (266.7)
26
15129
15329
13.125 (333.4)
33
15130
15330
• Save Tooling • Economical • Complete Range of Sizes
BOARDS ON THIS PAGE ARE NOT SCORED
Ready-Made Terminal Boards: Low cost, meets commercial and military specifications.
Produced in large quantities, making it possible to eliminate tooling and setup charges
usually applied to non-standard boards.
Terminals are staked in all holes except end mounting holes.
Hole thru
1503
W S
.375 [9.5]
.187 [4.8]
.093 [2.36]
.120 [3.1] DIA.
W
L
A
.375 [9.5]
.187 [4.8]
L
.500 [12.7]
.120 [3.1] DIA. (2) PLS
.093 [2.36]
Hole thru
1503
1509
1545
1507
MATERIAL: Choice of either PBE or GEE.
PBE: Paper base electrical,MIL-1-24768/20, Type XP natural, Temp. 250°F (121°C) max.
GEE: Glass epoxy, MIL-I-24768/27, Type G-10, Temp. 300ºF (155°C) max.
Terminals: Brass, ASTM-B16. Tin Plate, MIL-T-10727. Other plating can be furnished
.
MATERIAL: PBE
PBE: Paper base electrical, FED. LP-513, Type XP natural,
Temp. 250°F (121°C) max.
Terminals: Brass, ASTM-B16. Tin Plate, MIL-T-10727.
Other plating can be furnished
.
MODIFICATIONS
Boards can be modified with other materials or terminals of your
choice. Marking can also be added. Quotations upon request.
.250 (6.4) TABS
M60Section8FREV1B1_11-2011 4/4/13 5:52PM Page142


Similar Part No. - 15321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1532112 PHOENIX-1532112 Datasheet
3Mb / 14P
EV-T2M3SO12-3P-R-BL-SET - Infrastructure charging socket
1532118 PHOENIX-1532118 Datasheet
3Mb / 14P
nullaEV-T2M3SO12-3P-R-B-SET - Infrastructure charging socket
1532123 PHOENIX-1532123 Datasheet
3Mb / 15P
EV-T2M3SO12-3P-R-P-SET - Infrastructure charging socket
1532125 PHOENIX-1532125 Datasheet
3Mb / 15P
EV-T2M3SO12-4P-R-P-SET - Infrastructure charging socket
1532126 PHOENIX-1532126 Datasheet
3Mb / 14P
EV-T2M3SO12-4P-R-B-SET - Infrastructure charging socket
More results

Similar Description - 15321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
TERMINAL STRIPS
logo
Adam Technologies, Inc.
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
BARRIER TERMINAL STRIPS
TBB-05-01-B ADAM-TECH-TBB-05-01-B Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
TBD-03-04-M ADAM-TECH-TBD-03-04-M Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TBE-05-03-B ADAM-TECH-TBE-05-03-B Datasheet
136Kb / 1P
BARRIER TERMINAL STRIPS
TBG-05-02-B ADAM-TECH-TBG-05-02-B Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TDA-06 ADAM-TECH-TDA-06 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
Advantech Co., Ltd.
ADAM-3900 ADVANTECH-ADAM-3900 Datasheet
547Kb / 1P
DIN-rail Terminal Boards
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com