Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL36370-R002-J Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # RL36370-R002-J
Description  3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL36370-R002-J Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  RL36370-R002-J Datasheet HTML 1Page - Delta Electronics, Inc. RL36370-R002-J Datasheet HTML 2Page - Delta Electronics, Inc. RL36370-R002-J Datasheet HTML 3Page - Delta Electronics, Inc. RL36370-R002-J Datasheet HTML 4Page - Delta Electronics, Inc. RL36370-R002-J Datasheet HTML 5Page - Delta Electronics, Inc. RL36370-R002-J Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SRG00000NH
REVISION
: A0
PAGE
: 3 OF 6
5. Life test
Test Item
Condition of Test
Requirements
Short Time Overload
5 * Rated power for 5 seconds
Refer to JIS C 5201-1 4.13
ΔR : ± (0.5%+0.0005Ω)
Thermal Shock
-55 ~150℃ 1,000 cycles, 15 min at each
extreme condition
Refer to JIS C 5201-1 4.19
ΔR : ± (1.0%+0.0005Ω)
Low Temperature Storage
Kept at -55℃, 1,000 hours
Refer to JIS C 5201-1 4.23.4
ΔR : ± (1.0%+0.0005Ω)
Resistance to Soldering Heat Dipped into solder at 270
± 5℃ for
20
± 1 seconds
Refer to JIS C 5201-1 4.29
ΔR : ± (0.5%+0.0005Ω)
Load Life
Rated voltage for 1.5hours followed by a
pause 0.5hour at 70
± 3℃.
Cycle repeated 1000 hours
Refer to JIS C 5201-1 4.25
ΔR : ± (1.0%+0.0005Ω)
Damp Heat with Load
40
± 2℃ with relative humidity 90% to
95%. Cycle repeated 1,000 hours
Refer to JIS C 5201-1 4.24
ΔR : ± (1.0%+0.0005Ω)
High Temperature Exposure Kept at 170℃ for 1,000 hours
Refer to JIS C 5201-1 4.23.2
ΔR : ± (1.0%+0.0005Ω)
Solderability
Temperature of Solder : 245
± 5℃
Immersion Duration : 3
± 0.5 seconds
Refer to JIS C 5201-1 4.17
Uniform coating of solder
cover minimum of 95%
surface being immersed
Mechanical Shock
100 G’s for 6milliseconds. 5 pulses
Refer to JIS C 5201-1 4.21
ΔR : ± (0.5%+0.0005Ω)
Bending Test
Glass-Epoxy board thickness : 1.6mm
Bending width : 2mm
Between the fulcrums : 90mm
Refer to JIS C 5201-1 4.33
ΔR : ±(0.5%+0.0005Ω)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com