Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL36370-R010-J Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # RL36370-R010-J
Description  3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL36370-R010-J Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  RL36370-R010-J Datasheet HTML 1Page - Delta Electronics, Inc. RL36370-R010-J Datasheet HTML 2Page - Delta Electronics, Inc. RL36370-R010-J Datasheet HTML 3Page - Delta Electronics, Inc. RL36370-R010-J Datasheet HTML 4Page - Delta Electronics, Inc. RL36370-R010-J Datasheet HTML 5Page - Delta Electronics, Inc. RL36370-R010-J Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DOCUMENT : SRG00000NH
REVISION
: A0
PAGE
: 4 OF 6
SPECIFICATION FOR APPROVAL
6. Recommended Solder Pad Dimensions
3637
a
b
c
d
e
1m
Ω
4.3
9.9
1.68
0.6
1.9
2~10m
Ω
2.95
9.9
1.68
0.6
4.6
Unit : mm
7. Packaging
7-1 Dimensions
7-1-1 Tape packaging dimensions
Symbol
Ao
Bo
Ko
Po
P1
P2
Spec
9.6±0.10
9.9±0.10
1.2 Max.
4.0±0.10
12.0±0.10
2.0±0.10
Symbol
T
E
F
Do
D1
W
Spec
0.4 Max.
1.75±0.10
7.50±0.10
1.5±0.1
1.5 Max.
16.0±0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com