Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL32646C-R003-G Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # RL32646C-R003-G
Description  1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL32646C-R003-G Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  RL32646C-R003-G Datasheet HTML 1Page - Delta Electronics, Inc. RL32646C-R003-G Datasheet HTML 2Page - Delta Electronics, Inc. RL32646C-R003-G Datasheet HTML 3Page - Delta Electronics, Inc. RL32646C-R003-G Datasheet HTML 4Page - Delta Electronics, Inc. RL32646C-R003-G Datasheet HTML 5Page - Delta Electronics, Inc. RL32646C-R003-G Datasheet HTML 6Page - Delta Electronics, Inc. RL32646C-R003-G Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM6C0000NH
REVISION
: A1
PAGE
: 3 OF 7
5. Reliability Performance
Test Item
Condition of Test
Requirements
Short Time Overload
2.5 x Rated power for 5 seconds
Refer to JIS C 5201-1 4.13
∆R:± (0.5% + 0.0005Ω)
Without significant damage
by flashover ( spark,
arching ), burning or
breakdown etc.
Thermal Shock
-55 ~150℃ 1,000 cycles, 15 min at each
extreme condition
Refer to JIS C 5201-1 4.19
∆R:± (0.5% + 0.0005Ω)
Without distinct damage in
appearance
Low Temperature Storage
Kept at -55℃, 1,000 hours
Refer to JIS C 5201-1 4.23.4
∆R:± (0.5% + 0.0005Ω)
Without distinct damage in
appearance
Resistance to Soldering Heat
Dipped into solder at 270
± 5
℃ for 20
± 1 seconds
Refer to JIS C 5201-1 4.18
∆R:± (0.5% + 0.0005Ω)
Without distinct damage in
appearance
Load Life
Rated voltage for 1.5hours followed by a
pause 0.5hour at 70
± 3℃
Cycle repeated 1,000 hours
Refer to JIS C 5201-1 4.25
∆R:± (1.0% + 0.0005Ω)
Without distinct damage in
appearance
Damp Heat with Load
40
± 2℃ with relative humidity 90% to
95%.
D.C. rated voltage for 1.5 hours ON 30
minutes OFF.
Cycle repeated 1,000 hours
Refer to JIS C 5201-1 4.24
∆R:± (1.0% + 0.0005Ω)
Without distinct damage in
appearance
High Temperature Exposure
Kept at 170℃ for 1,000 hours
Refer to JIS C 5201-1 4.23.2
∆R:± (1.0% + 0.0005Ω)
Without distinct damage in
appearance
Solderability
Temperature of Solder : 245
± 5℃
Immersion Duration : 3
± 0.5 second
Refer to JIS C 5201-1 4.17
Uniform coating of solder cover
minimum of 95% surface being
immersed



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com