Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL32646C-R003-J Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # RL32646C-R003-J
Description  1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL32646C-R003-J Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  RL32646C-R003-J Datasheet HTML 1Page - Delta Electronics, Inc. RL32646C-R003-J Datasheet HTML 2Page - Delta Electronics, Inc. RL32646C-R003-J Datasheet HTML 3Page - Delta Electronics, Inc. RL32646C-R003-J Datasheet HTML 4Page - Delta Electronics, Inc. RL32646C-R003-J Datasheet HTML 5Page - Delta Electronics, Inc. RL32646C-R003-J Datasheet HTML 6Page - Delta Electronics, Inc. RL32646C-R003-J Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM6C0000NH
REVISION
: A1
PAGE
: 6 OF 7
7. Packaging
7-1 Dimensions
7-1-1 Tape packaging dimensions
7-1-2 Reel dimensions
13.0±0.5
178.0±2.0
60.2±0.5
13.2±1.5
2.0±0.5
16.0±0.2
Unit : mm
2.0 ± 0.05
Cavity
4.0 ± 0.1
0.3 max.
1.5 max.
B
A
A = 3.60 ± 0.20
B = 6.80 ± 0.20
1.5 ± 0.1
+0.1
-0.0
1.5
1.75 ± 0.10
Pulling direction
4.0 ± 0.1
12.0 ± 0.3
Unit : mm
5.50 ± 0.05
Feed forward hole



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com