Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1185 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1185
Description  1.5A, Low Noise, Fast Transient Response
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1185 Datasheet HTML 9Page - Linear Technology LT1185 Datasheet HTML 10Page - Linear Technology LT1185 Datasheet HTML 11Page - Linear Technology LT1185 Datasheet HTML 12Page - Linear Technology LT1185 Datasheet HTML 13Page - Linear Technology LT1185 Datasheet HTML 14Page - Linear Technology LT1185 Datasheet HTML 15Page - Linear Technology LT1185 Datasheet HTML 16Page - Linear Technology LT1185 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT1963A Series
13
1963aff
For more information www.linear.com/LT1963A
pin FuncTions
be off when the SHDN pin is pulled low. The SHDN pin can
be driven either by 5V logic or open-collector logic with a
pull-up resistor. The pull-up resistor is required to supply
the pull-up current of the open-collector gate, normally
severalmicroamperes,andtheSHDNpincurrent,typically
3µA. If unused, the SHDN pin must be connected to VIN.
The device will be in the low power shutdown state if the
SHDN pin is not connected.
IN: Input. Power is supplied to the device through the IN
pin. A bypass capacitor is required on this pin if the device
is more than six inches away from the main input filter
capacitor. In general, the output impedance of a battery
rises with frequency, so it is advisable to include a bypass
capacitor in battery-powered circuits. A bypass capacitor
in the range of 1µF to 10µF is sufficient. The LT1963A
regulators are designed to withstand reverse voltages
on the IN pin with respect to ground and the OUT pin. In
the case of a reverse input, which can happen if a battery
is plugged in backwards, the device will act as if there is
a diode in series with its input. There will be no reverse
current flow into the regulator and no reverse voltage
will appear at the load. The device will protect both itself
and the load.
OUT: Output. The output supplies power to the load.
A minimum output capacitor of 10µF is required to
prevent oscillations. Larger output capacitors will be
required for applications with large transient loads to limit
peak voltage transients. See the Applications Information
section for more information on output capacitance and
reverse output characteristics.
SENSE: Sense. For fixed voltage versions of the LT1963A
(LT1963A-1.5/LT1963A-1.8/LT1963A-2.5/LT1963A-3.3),
the SENSE pin is the input to the error amplifier. Optimum
regulation will be obtained at the point where the SENSE
pin is connected to the OUT pin of the regulator. In criti-
cal applications, small voltage drops are caused by the
resistance (RP) of PC traces between the regulator and the
load. These may be eliminated by connecting the SENSE
pin to the output at the load as shown in Figure 1 (Kelvin
Sense Connection). Note that the voltage drop across
the external PC traces will add to the dropout voltage of
the regulator. The SENSE pin bias current is 600µA at
the nominal rated output voltage. The SENSE pin can be
pulled below ground (as in a dual supply system where
the regulator load is returned to a negative supply) and
still allow the device to start and operate.
ADJ: Adjust. For the adjustable LT1963A, this is the input
to the error amplifier. This pin is internally clamped to ±7V.
It has a bias current of 3µA which flows into the pin. The
ADJ pin voltage is 1.21V referenced to ground and the
output voltage range is 1.21V to 20V.
SHDN:Shutdown.TheSHDNpinisusedtoputtheLT1963A
regulatorsintoalowpowershutdownstate.Theoutputwill
Figure 1. Kelvin Sense Connection
IN
SHDN
1963A F01
RP
OUT
VIN
SENSE
GND
LT1963A
RP
+
+
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com