Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1310 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1310
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 2 Page - Linear Technology

  LT1310 Datasheet HTML 1Page - Linear Technology LT1310 Datasheet HTML 2Page - Linear Technology LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3580
2
3580fg
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. –0.3V to 32V
SW Voltage ................................................ –0.4V to 42V
RT Voltage ................................................... –0.3V to 5V
SS and FB Voltage .................................... –0.3V to 2.5V
VC Voltage ................................................... –0.3V to 2V
SHDN Voltage ............................................ –0.3V to 32V
SYNC Voltage............................................ –0.3V to 5.5V
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
9
GND
4
3
2
1
FB
VC
VIN
SW
SYNC
SS
RT
SHDN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
FB
VC
VIN
SW
8
7
6
5
SYNC
SS
RT
SHDN
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
θJA = 35°C/W TO 40°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3580EDD#PBF
LT3580EDD#TRPBF
LCXY
8-Lead (3mm
× 3mm) Plastic DFN
– 40°C to 125°C
LT3580IDD#PBF
LT3580IDD#TRPBF
LCXY
8-Lead (3mm
× 3mm) Plastic DFN
– 40°C to 125°C
LT3580EMS8E#PBF
LT3580EMS8E#TRPBF
LTDCJ
8-Lead Plastic MSOP
– 40°C to 125°C
LT3580IMS8E#PBF
LT3580IMS8E#TRPBF
LTDCJ
8-Lead Plastic MSOP
– 40°C to 125°C
LT3580HMS8E#PBF
LT3580HMS8E#TRPBF
LTDCJ
8-Lead Plastic MSOP
– 40°C to 150°C
LT3580MPMS8E#PBF
LT3580MPMS8E#TRPBF
LTDCJ
8-Lead Plastic MSOP
– 55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range
LT3580E (Notes 2, 5)......................... –40°C to 125°C
LT3580I (Notes 2, 5).......................... –40°C to 125°C
LT3580H (Notes 2, 5) ........................–40°C to 150°C
LT3580MP (Notes 2, 5) ..................... –55°C to 125°C
Storage Temperature Range ..................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com