Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0520L Datasheet(PDF) 11 Page - Linear Technology

Part # MBR0520L
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

MBR0520L Datasheet(HTML) 11 Page - Linear Technology

Back Button MBR0520L Datasheet HTML 7Page - Linear Technology MBR0520L Datasheet HTML 8Page - Linear Technology MBR0520L Datasheet HTML 9Page - Linear Technology MBR0520L Datasheet HTML 10Page - Linear Technology MBR0520L Datasheet HTML 11Page - Linear Technology MBR0520L Datasheet HTML 12Page - Linear Technology MBR0520L Datasheet HTML 13Page - Linear Technology MBR0520L Datasheet HTML 14Page - Linear Technology MBR0520L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3474/LT3474-1
11
3474fd
APPLICATIONS INFORMATION
The optimum inductor for a given application may differ
from the one indicated by this simple design guide. A
larger value inductor provides a higher maximum load
current, and reduces the output voltage ripple. If your
load is lower than the maximum load current, then you
can relax the value of the inductor and operate with higher
ripple current. This allows you to use a physically smaller
inductor, or one with a lower DCR resulting in higher
efficiency. Be aware that if the inductance differs from
the simple rule above, then the maximum load current
will depend on input voltage. In addition, low inductance
may result in discontinuous mode operation, which further
reduces maximum load current. For details of maximum
output current and discontinuous mode operation, see
Linear Technology’s Application Note 44. Finally, for duty
cycles greater than 50% (VOUT/VIN > 0.5), a minimum
inductance is required to avoid sub-harmonic oscillations.
See Application Note 19.
The current in the inductor is a triangle wave with an average
value equal to the load current. The peak switch current
is equal to the output current plus half the peak-to-peak
inductor ripple current. The LT3474 limits its switch cur-
rent in order to protect itself and the system from overload
faults. Therefore, the maximum output current that the
LT3474 will deliver depends on the switch current limit,
the inductor value, and the input and output voltages.
When the switch is off, the potential across the inductor
is the output voltage plus the catch diode drop. This gives
the peak-to-peak ripple current in the inductor
ΔIL =
1– DC
() VOUT + VF
()
L•f
()
where f is the switching frequency of the LT3474 and L
is the value of the inductor. The peak inductor and switch
current is
I
SW PK
() =
I
LPK
() =
I
OUT +
ΔIL
2
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is
LV
V
kHz
f
OUT
F
=+
•
()
900
where VF is the voltage drop of the catch diode (~0.4V), f
is the switching frequency and L is in μH. With this value
the maximum load current will be 1.1A, independent of
input voltage. The inductor’s RMS current rating must be
greater than the maximum load current and its saturation
current should be at least 30% higher. For highest efficiency,
the series resistance (DCR) should be less than 0.2Ω.
Table 2 lists several vendors and types that are suitable.
For robust operation at full load and high input voltages
(VIN > 30V), use an inductor with a saturation current
higher than 2.5A.
Table 2. Inductors
PART NUMBER
VALUE
(μH)
IRMS
(A)
DCR
(Ω)
HEIGHT
(mm)
Sumida
CR43-3R3
3.3
1.44
0.086
3.5
CR43-4R7
4.7
1.15
0.109
3.5
CDRH4D16-3R3
3.3
1.1
0.063
1.8
CDRH4D28-3R3
3.3
1.57
0.049
3
CDRH4D28-4R7
4.7
1.32
0.072
3
CDRH5D28-100
10
1.3
0.048
3
CDRH5D28-150
15
1.1
0.076
3
CDRH73-100
10
1.68
0.072
3.4
CDRH73-150
15
1.33
0.13
3.4
Coilcraft
DO1606T-332
3.3
1.3
0.1
2
DO1606T-472
4.7
1.1
0.12
2
DO1608C-332
3.3
2
0.08
2.9
DO1608C-472
4.7
1.5
0.09
2.9
MOS6020-332
3.3
1.8
0.046
2
MOS6020-472
10
1.5
0.05
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com