Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1399 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1399
Description  650MHz Gain of 2 Triple 2 1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 4 Page - Linear Technology

  LT1399 Datasheet HTML 1Page - Linear Technology LT1399 Datasheet HTML 2Page - Linear Technology LT1399 Datasheet HTML 3Page - Linear Technology LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6555
4
6555f
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing
vs ILOAD (Output High)
Output Voltage Swing
vs ILOAD (Output Low)
Input Bias Current
vs Temperature
Maximum Output Voltage Swing
vs VREF Pin Voltage
EN Pin Current vs EN Pin Voltage
Input Referred Offset Voltage
vs Temperature
Supply Current per Amplifier
vs Temperature
Supply Current per Amplifier
vs Supply Voltage
Supply Current per Amplifier
vs EN Pin Voltage
TEMPERATURE (
°C)
–55
–15
25
45
125
6555 G01
–35
5
65
85 105
12
10
8
6
4
2
0
VS = ±5V
RL = ∞
VIN = 0V
VEN = 0V
VEN = 4V
VEN = 0.4V
TOTAL SUPPLY VOLTAGE (V)
04
6555 G02
1
2
3
56
7
8
9 10 11 12
12
10
8
6
4
2
0
VEN, VIN, VDGND, VSEL = 0V
TA = 25°C
TEMPERATURE (
°C)
–55
–15
–10
0
5
10
–15
25
45
125
6555 G04
–5
–35
5
65
85 105
15
VS = ±5V
VIN = 0V
TEMPERATURE (
°C)
–55
–20
–15
–10
105
6555 G05
–25
–30
–40
–15
25
65
–35
125
5
45
85
–35
0
–5
VS = ±5V
VIN = 1.5V
VIN = –1.5V
VIN = 0V
EN PIN VOLTAGE (V)
0
0
–20
–40
–60
–80
–100
–120
–140
6555 G06
2
5
1
34
VS = ±5V
VDGND = 0V
TA = –55°C
TA = 25°C
TA = 125°C
VREF PIN VOLTAGE (V)
–2
0
2
2
6555 G07
–2
–4
–1
0
1
–1.5
–0.5
0.5
1.5
4
–1
1
–3
3
VS = ±5V
RL = 150Ω
HIGH SWING
LOW SWING
TA = 125°C
TA = 125°C
TA = 25°C
TA = 25°C
TA = –55°C
TA = –55°C
SOURCE CURRENT (mA)
0
3
4
5
80
6555 G08
2
1
0
10 20 30 40 50 60 70
90 100
VS = ±5V
VIN = 2V
VVREF = 0V
TA = 125°C
VREF INPUT
CLAMPING
TA = 25°C
TA = –55°C
SINK CURRENT (mA)
0
–2
–1
0
80
6555 G09
–3
–4
–5
10 20 30 40 50 60 70
90 100
VS = ±5V
VIN = –2V
VVREF = 0V
TA = 125°C
VREF INPUT
CLAMPING
TA = 25°C
TA = –55°C
EN PIN VOLTAGE (V)
6555 G03
12
10
8
6
4
2
0
0
1.0
2.0
2.5
0.5
1.5
3.0
3.5
4.0
VS = ±5V
RL = ∞
VIN = 0V
TA = –55°C
TA = 125°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com