Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3010 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3010
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3010 Datasheet HTML 9Page - Linear Technology LT3010 Datasheet HTML 10Page - Linear Technology LT3010 Datasheet HTML 11Page - Linear Technology LT3010 Datasheet HTML 12Page - Linear Technology LT3010 Datasheet HTML 13Page - Linear Technology LT3010 Datasheet HTML 14Page - Linear Technology LT3010 Datasheet HTML 15Page - Linear Technology LT3010 Datasheet HTML 16Page - Linear Technology LT3010 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3844
13
3844fb
APPLICATIONS INFORMATION
Note that when VIN is high and fSW is high, the transition
losses may dominate. A MOSFET with higher RDS(ON)
and lower CRSS may provide higher efficiency. MOSFETs
with higher voltage VDSS specification usually have higher
RDS(ON) and lower CRSS.
Choose the MOSFET VDSS specification to exceed the
maximum voltage across the drain to the source of the
MOSFET, which is VIN(MAX) plus any additional ringing
on the switch node. Ringing on the switch node can be
greatly reduced with good PCB layout and, if necessary,
an RC snubber.
The internal VCC regulator is capable of sourcing up to
40mA which limits the maximum total MOSFET gate
charge, QG, to 40mA/fSW. The QG vs VGS specification is
typically provided in the MOSFET data sheet. Use QG at
VGS of 8V. If VCC is back driven from an external supply,
the MOSFET drive current is not sourced from the internal
regulator of the LT3844 and the QG of the MOSFET is not
limited by the IC. However, note that the MOSFET drive
current is supplied by the internal regulator when the
external supply back driving VCC is not available such as
during start-up or short-circuit.
The manufacturer’s maximum continuous drain current
specification should exceed the peak switch current,
IOUT(MAX) + ΔIL/2.
During the supply start-up, the gate drive levels are set by
the VCC voltage regulator, which is approximately 8V. Once
the supply is up and running, the VCC can be back driven
by an auxiliary supply such as VOUT. It is important not
to exceed the manufacturer’s maximum VGS specification.
A standard level threshold MOSFET typically has a VGS
maximum of 20V.
Step-Down Converter: Rectifier Selection
The rectifier diode (D1 on the Functional Diagram) in a
buck converter generates a current path for the inductor
current when the main power switch is turned off. The
rectifier is selected based upon the forward voltage, re-
verse voltage and maximum current. A Schottky diode is
recommended. Its low forward voltage yields the lowest
power loss and highest efficiency. The maximum reverse
voltage that the diode will see is VIN(MAX).
In continuous mode operation, the average diode cur-
rent is calculated at maximum output load current and
maximum VIN:
II
VV
V
DIODE AVG
OUT MAX
IN MAX
OUT
IN MAX
()
(
)
()
()
=
−
To improve efficiency and to provide adequate margin
for short-circuit operation, a diode rated at 1.5 to 2
times the maximum average diode current, IDIODE(AVG),
is recommended.
Step-Down Converter: Input Capacitor Selection
A local input bypass capacitor is required for buck convert-
ers because the input current is pulsed with fast rise and
fall times. The input capacitor selection criteria are based
on the bulk capacitance and RMS current capability. The
bulk capacitance will determine the supply input ripple
voltage. The RMS current capability is used to keep from
overheating the capacitor.
The bulk capacitance is calculated based on maximum
input ripple,
ΔVIN:
C
IV
Vf
V
IN BULK
OUT MAX
OUT
IN
SW
IN MIN
()
()
()
•
••
=
Δ
ΔVIN is typically chosen at a level acceptable to the user.
100mV to 200mV is a good starting point. Aluminum elec-
trolytic capacitors are a good choice for high voltage, bulk
capacitance due to their high capacitance per unit area.
The capacitor’s RMS current is:
II
VV
V
V
CIN RMS
OUT
OUT
IN
OUT
IN
()
(–
)
()
=
2
If applicable, calculate it at the worst-case condition,
VIN = 2VOUT. The RMS current rating of the capacitor
is specified by the manufacturer and should exceed the
calculated ICIN(RMS). Due to their low ESR (equivalent
series resistance), ceramic capacitors are a good choice
for high voltage, high RMS current handling. Note that the
ripple current ratings from aluminum electrolytic capacitor
manufacturers are based on 2000 hours of life. This makes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com