Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0540 Datasheet(PDF) 6 Page - Linear Technology

Part # MBR0540
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

MBR0540 Datasheet(HTML) 6 Page - Linear Technology

Back Button MBR0540 Datasheet HTML 2Page - Linear Technology MBR0540 Datasheet HTML 3Page - Linear Technology MBR0540 Datasheet HTML 4Page - Linear Technology MBR0540 Datasheet HTML 5Page - Linear Technology MBR0540 Datasheet HTML 6Page - Linear Technology MBR0540 Datasheet HTML 7Page - Linear Technology MBR0540 Datasheet HTML 8Page - Linear Technology MBR0540 Datasheet HTML 9Page - Linear Technology MBR0540 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3474/LT3474-1
6
3474fd
PIN FUNCTIONS
DNC (Pins 1, 16): Do not connect external circuitry to these
pins, or tie them to GND. Leave the DNC pins floating.
OUT (Pin 2): The OUT pin is the input to the current sense
resistor. Connect this pin to the inductor and the output
capacitor.
LED (Pin 3): The LED pin is the output of the current sense
resistor. Connect the anode of the LED here.
VIN (Pin 4): The VIN pin supplies current to the internal
circuitry and to the internal power switch and must be
locally bypassed.
SW (Pin 5): The SW pin is the output of the internal power
switch. Connect this pin to the inductor and switching
diode.
BOOST (Pin 6): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
BIAS (Pin 7): The BIAS pin connects through a Schottky
diode to BOOST. Tie to OUT.
GND (Pins 8, 15, Exposed Pad Pin 17): Ground. Tie both
GND pins and the Exposed Pad directly to the ground
plane. The Exposed Pad metal of the package provides both
electrical contact to ground and good thermal contact to
the printed circuit board. It must be soldered to the circuit
board for proper operation.
RT (Pin 9): The RT pin is used to set the internal oscilla-
tor frequency. Tie an 80.6k resistor from RT to GND for a
500kHz switching frequency.
SHDN (Pin 10): The SHDN pin is used to shut down the
switching regulator and the internal bias circuits. The
2.6V switching threshold can function as an accurate
under-voltage lockout. Pull below 0.3V to shut down the
LT3474/LT3474-1. Pull above 2.65V to enable the LT3474/
LT3474-1. Tie to VIN if the SHDN function is unused.
REF (Pin 11): The REF pin is the buffered output of the
internal reference. Either tie the REF pin to the VADJ pin for
a 1A output current, or use a resistor divider to generate a
lower voltage at the VADJ pin. Leave this pin unconnected
if unused.
VC (Pin 12): The Vc pin is the output of the internal error
amp. The voltage on this pin controls the peak switch
current. Use this pin to compensate the control loop.
VADJ (Pin 13): The VADJ pin is the input to the internal
voltage to current amplifier. Connect the VADJ pin to the
REF pin for a 1A output current. For lower output cur-
rents, program the VADJ pin using the following formula:
ILED = 1A • VADJ/1.25V.
PWM (Pin 14): The PWM pin controls the connection of
the VC pin to the internal circuitry. When the PWM pin is
low, the VC pin is disconnected from the internal circuitry
and draws minimal current. If the PWM feature is unused,
leave this pin unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com