Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM140 Datasheet(PDF) 18 Page - Linear Technology

Part # MBRM140
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

MBRM140 Datasheet(HTML) 18 Page - Linear Technology

Back Button MBRM140 Datasheet HTML 12Page - Linear Technology MBRM140 Datasheet HTML 13Page - Linear Technology MBRM140 Datasheet HTML 14Page - Linear Technology MBRM140 Datasheet HTML 15Page - Linear Technology MBRM140 Datasheet HTML 16Page - Linear Technology MBRM140 Datasheet HTML 17Page - Linear Technology MBRM140 Datasheet HTML 18Page - Linear Technology MBRM140 Datasheet HTML 19Page - Linear Technology MBRM140 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT3474/LT3474-1
18
3474fd
VIN
BIAS
OUT
LED
PWM
LED1
LT3474
C4
0.1μF
VIN
12V TO
36V
C2
2.2μF
10V
1A
LED
CURRENT
C3
0.22μF
10V
D1
L1
10μH
3474 TA02
R1
33.2k
SHDN
REF
BOOST
SW
VADJ
RT
VC
GND
C1
2.2μF
50V
LED2
D1: MBRM 140
C1 TO C3: X5R OR X7R
LED CURRENT (mA)
0
70
75
80
600
1000
3474 G01
65
60
55
200
400
800
85
90
95
VIN = 12V
VIN = 24V
VIN
BIAS
OUT
PWM
LED
LED1
M1
D1
LT3474
C4
3.3nF
VIN
6V TO 36V
C2
2.2μF
6.3V
C3
0.22μF
6.3V
L1
10μH
3474 TA01
R1
80.6k
R2
10k
C5
0.1μF
PWM
SHDN
REF
BOOST
SW
VADJ
RT
VC
GND
C1
2.2μF
50V
D1: B140HB
C1 TO C3: X5R OR X7R
M1: Si2302ADS
ILED1
500mA/DIV
V(PWM)
5V/DIV
1ms/DIV
Efficiency, Two LED Output
LED Current in PWM Mode
Step-Down 1A LED Driver with PWM Dimming
Step-Down 1A LED Driver with
Two Series Connected LED Output
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com