Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1321 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1321
Description  Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1321 Datasheet HTML 2Page - Linear Technology LTC1321 Datasheet HTML 3Page - Linear Technology LTC1321 Datasheet HTML 4Page - Linear Technology LTC1321 Datasheet HTML 5Page - Linear Technology LTC1321 Datasheet HTML 6Page - Linear Technology LTC1321 Datasheet HTML 7Page - Linear Technology LTC1321 Datasheet HTML 8Page - Linear Technology LTC1321 Datasheet HTML 9Page - Linear Technology LTC1321 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1321/LTC1322/LTC1335
TYPICAL PERFORMANCE CHARACTERISTICS
RS485 Receiver
tPLH – tPHL
vs Temperature
Receiver Output Low Voltage
vs Temperature
OUTPUT VOLTAGE (V)
0
0.5
1.0
2.0
1.5
2.5
3.0
1321 G14
40
35
30
25
20
15
10
5
0
TA = 25°C
Receiver Output Current
vs Output Low Voltage
EIA562 Receiver Input Threshold
Voltage vs Temperature
TEMPERATURE (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
25
75
1321 G15
–25
0
50
100
125
INPUT HIGH
INPUT LOW
TEMPERATURE (°C)
–50
500
450
400
350
300
250
200
150
100
50
0
0
50
75
1321 G18
–25
25
100
125
ICC
–IEE
–IDD
RL = ∞
Supply Current in EIA562 Mode
vs Temperature (Both Ports)
Supply Current in RS485 Mode
vs Temperature (Both Ports)
TEMPERATURE (°C)
–50
1.2
1.0
0.8
0.6
0.4
0.2
0
25
75
1321 G17
–25
0
50
100
125
ICC
–IEE
–IDD
RL = ∞
TEMPERATURE (°C)
–50
20
18
16
14
12
10
8
6
4
2
0
0
50
75
1321 G12
–25
25
100
125
TEMPERATURE (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1321 G11
–25
25
100
125
IOUT = 3mA
TEMPERATURE (°C)
–50
100
1321 G06
050
±400
±350
±300
±250
±200
±150
±100
±50
0
– 25
25
75
125
Driver Output Leakage Current
(Disable/Shutdown) vs Temperature
OUTPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
1321 G13
4.5
120
18
16
14
12
10
8
6
4
2
0
5.0
TA = 25°C
Receiver Output Current
vs Output High Voltage
Receiver Output High Voltage
vs Temperature
TEMPERATURE (°C)
–50
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
0
50
75
1321 G10
–25
25
100
125
IOUT = 3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com