Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1521
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521 Datasheet(HTML) 2 Page - Linear Technology

  LT1521 Datasheet HTML 1Page - Linear Technology LT1521 Datasheet HTML 2Page - Linear Technology LT1521 Datasheet HTML 3Page - Linear Technology LT1521 Datasheet HTML 4Page - Linear Technology LT1521 Datasheet HTML 5Page - Linear Technology LT1521 Datasheet HTML 6Page - Linear Technology LT1521 Datasheet HTML 7Page - Linear Technology LT1521 Datasheet HTML 8Page - Linear Technology LT1521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1540
sn1540 1540fas
Voltage
V + to V –, V + to GND, GND to V – ...........12V to – 0.3V
IN +, IN –, HYST ................. (V + + 0.3V) to (V – – 0.3V)
REF ................................... (V + + 0.3V) to (V – – 0.3V)
OUT ............................... (V + + 0.3V) to (GND – 0.3V)
Current
IN +, IN –, HYST ................................................. 20mA
REF ................................................................... 20mA
OUT .................................................................. 50mA
ABSOLUTE MAXIMUM RATINGS
OUT Short-Circuit Duration (V + ≤ 5.5V) ...... Continuous
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1540C .............................................. 0°C to 70°C
LTC1540I ............................................ – 40°C to 85°C
Storage Temperature Range ................ – 65°C to 150°C
(DD Package) ................................... – 65°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300°C
PACKAGE/ORDER INFORMATION
LTC1540CMS8
LTC1540IMS8
MS8
PART MARKING
TJMAX = 150°C, θJA = 175°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
OUT
V +
REF
HYST
GND
V –
IN +
IN –
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
GND
V–
IN+
IN–
8
7
6
5
OUT
V+
REF
HYST
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/ W
ORDER PART
NUMBER
S8
PART MARKING
ORDER PART
NUMBER
LTCE
LTADV
LTC1540CS8
LTC1540IS8
1540
1540I
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
V–
IN+
IN–
OUT
V+
REF
HYST
TJMAX = 125°C, θJA = 160°C/ W (NOTE 2) UNDERSIDE METAL
CONNECTED TO V– (PCB CONNECTION OPTIONAL)
ORDER PART
NUMBER
LTC1540CDD
LTC1540IDD
DD
PART MARKING*
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = GND = 0V, TA = 25°C unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
●
2.0
11.0
V
ICC
Supply Current
IN + = IN – = 80mV, HYST = REF, C-Grade
●
0.3
0.68
µA
IN + = IN – = 80mV, HYST = REF, I-Grade
●
0.71
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 2.5V
±12
mV
●
±15
mV
LTC1540CMS8/IMS8
●
±16
mV
IIN
Input Leakage Current (IN +, IN –)VIN+ = VIN– = 2.5V
●
±0.01
±1.0
nA
Input Leakage Current (HYST)
●
±0.02
±1.0
nA
VCM
Comparator Input Common Mode Range
●
V –
V + – 1.3V
V
CMRR
Common Mode Rejection Ratio
V – to V + – 1.3V
0.1
1
mV/V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V
0.1
1
mV/V
LAAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com