Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632W-6-R002J Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # RL1632W-6-R002J
Description  1W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL1632W-6-R002J Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  RL1632W-6-R002J Datasheet HTML 1Page - Delta Electronics, Inc. RL1632W-6-R002J Datasheet HTML 2Page - Delta Electronics, Inc. RL1632W-6-R002J Datasheet HTML 3Page - Delta Electronics, Inc. RL1632W-6-R002J Datasheet HTML 4Page - Delta Electronics, Inc. RL1632W-6-R002J Datasheet HTML 5Page - Delta Electronics, Inc. RL1632W-6-R002J Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE
5
OF
6
TITLE :
DOCUMENT
NO.
SMN60000NH
PAGE
REV.
A0
UNLESS OTHERWISE SPECIFIED
TOLERANCES ON ﹕
X
=
±
X.X
=
±
X.XX
=
±
ANGLES
± HOLE DIA. ±
SCALE ﹕
X
UNIT ﹕ X
APPROVED
BY ﹕
DRAWN
BY ﹕ connie 4/3/13
DESIGNED
BY ﹕
CHECKED
BY ﹕
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
Delta Electronics, Inc.
The Engineering Spec. For 1W 0612
Low Resistance Chip Resistor
7. Packaging
7-1 Dimensions
7-1-1 Tape packaging dimensions
7-1-2 Reel dimensions
2.0 ± 0.5
11.4 ± 1.0
Unit : mm
Label
9.0 ± 0.3
22 min.
13.0 ± 0.2
4.0±0.1
1.55±0.05
Carrier cavity
Pulling direction
B
8.0 ± 0.3
A = 2.0 ± 0.2
B = 3.5 ± 0.1
1.5 max.
A
4.0 ± 0.1
Unit : mm
0.3 max.
Sprocket hold
2.0 ± 0.1
3.5 ± 0.05
1.75 ± 0.1
1.05 ± 0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com