Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632W-6-R004J Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # RL1632W-6-R004J
Description  1W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL1632W-6-R004J Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  RL1632W-6-R004J Datasheet HTML 1Page - Delta Electronics, Inc. RL1632W-6-R004J Datasheet HTML 2Page - Delta Electronics, Inc. RL1632W-6-R004J Datasheet HTML 3Page - Delta Electronics, Inc. RL1632W-6-R004J Datasheet HTML 4Page - Delta Electronics, Inc. RL1632W-6-R004J Datasheet HTML 5Page - Delta Electronics, Inc. RL1632W-6-R004J Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE
1
OF
6
TITLE :
DOCUMENT
NO.
SMN60000NH
PAGE
REV.
A0
UNLESS OTHERWISE SPECIFIED
TOLERANCES ON ﹕
X
=
±
X.X
=
±
X.XX
=
±
ANGLES
± HOLE DIA. ±
SCALE ﹕
X
UNIT ﹕ X
APPROVED
BY ﹕
DRAWN
BY ﹕ connie 4/3/13
DESIGNED
BY ﹕
CHECKED
BY ﹕
THIS DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF Delta Electronics, Inc.
AND SHALL NOT BE REPRODUCED OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS OR DEVICES WITHOUT PERMISSION
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
台達電子工業股份有限公司
Delta Electronics, Inc.
The Engineering Spec. For 1W 0612
Low Resistance Chip Resistor
1W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
1. Scope
This specification applies to 1.6mm x 3.2mm size 1W, fixed metal film chip resistors rectangular
type for use in electronic equipment.
2. Type Designation
RL1632W - □ -
□□□□
□
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) 6 = 1W
(3) Resistance value :
For example - -
R001 = 1m
Ω
The “ R “ shall be used as a decimal point.
(4) Resistance value :
F =
± 1%
G =
± 2%
J =
± 5%
3. Outline Designation
Figure 1. Construction and Dimensions
(1) Substrate
Alumina 96%
(2) Resistor
Cu-alloy
(3) Terminals
Sn (on Cu )
(4) Marking
Heat resistive epoxy resin(White)
(5)Protection coat:
Heat resistive epoxy resin(Green)
Dimensions (mm)
Code Letter
RL1632W
L
1.6
± 0.25
W
3.15
± 0.25
a
0.35
± 0.2
t
0.95
± 0.25


Similar Part No. - RL1632W-6-R004J

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL1632W-4-R001F DAESAN-RL1632W-4-R001F Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-4-R001G DAESAN-RL1632W-4-R001G Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-4-R001J DAESAN-RL1632W-4-R001J Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-4-R002F DAESAN-RL1632W-4-R002F Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-4-R002G DAESAN-RL1632W-4-R002G Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
More results

Similar Description - RL1632W-6-R004J

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLW2012-6-R005F DELTA-RLW2012-6-R005F Datasheet
135Kb / 7P
1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL36370-R002-F DELTA-RL36370-R002-F Datasheet
125Kb / 6P
3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
RL32646C-R003-F DELTA-RL32646C-R003-F Datasheet
94Kb / 7P
1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
RL2550W-R005F DELTA-RL2550W-R005F Datasheet
100Kb / 8P
1W, 2010, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632W-4-R001F DAESAN-RL1632W-4-R001F Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
logo
Cyntec Co., Ltd.
HPFR16S CYNTEC-HPFR16S Datasheet
1,012Kb / 8P
1W, 1206, High Power Chip Resistor (Lead free / Halogen Free)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com