Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS-2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # USB-COM232-PLUS-2
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM232-PLUS-2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button USB-COM232-PLUS-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers USB-COM232-PLUS-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
9
Document Reference No.: FT_000147
USB-COM232-PLUS2 Datasheet
Version 1.1
Clearance No.: FTDI# 96
Figure 2.6 - Device Manager
Click on the Plus “+” sign next to the Ports tree to list the available COM port. You will see “USB Serial
Port”, followed by a COMn assignment. In the figure below, the USB-COM232-PLUS2 is assigned to
COM3 and COM4. Port A is always assigned the lower COM port number (COM3 in this example) and Port
B the higher COM port number (COM4 in this example).
Figure 2.7 - COM Port Assignment
Use these COM port numbers with your application software in order to access the USB-COM232-PLUS2.
If an application requires use of a different COM port number, the assignment may be changed through
the Advanced Driver Options settings.
From the Device Manager listing above, right-click on the USB Serial Port and select Properties.
Figure 2.8 – Access COM Port Properties
Next, click on the “Port Settings” tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com