Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR604A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSR604A
Description  POWER REGULATOR CHIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSR604A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSR604A Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR604A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
The CSR Power Regulator chip is a compact and robust unit which is capable of controlling single-phase mains
driven loads of up to 15 amps. Used in conjunction with variable resistance (potentiometer), the chip gives a fully
adjustable output from zero to maximum voltage.
APPLICATIONS
Suitable for conventional resistive heating elements such as ovens, quartz lamps, moulders and dryers. Also
suitable for many inductive loads such as transformers, fans and motors.
CSR/604/1004/1504
POWER REGULATOR CHIP
CSR
X10203
FEATURES
•
Available in 6, 10, and 15 ampere rating.
•
Flexibility of mounting.
•
Easy installation (3 pin connections).
•
Low hysteresis level.
•
Low cost.
INSTALLATION
EXAMPLES


Similar Part No. - CSR604A

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSR6 CAMDENBOSS-CSR6 Datasheet
679Kb / 2P
Push-in fast connectors
More results

Similar Description - CSR604A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9444VB STMICROELECTRONICS-L9444VB Datasheet
78Kb / 5P
ONE CHIP CAR ALTERNATOR REGULATOR
Oct-1992
logo
Zarlink Semiconductor I...
SP8793 ZARLINK-SP8793 Datasheet
269Kb / 6P
WITH ON-CHIP VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
IL1084T2 ESTEK-IL1084T2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
logo
List of Unclassifed Man...
STR-G5653 ETC2-STR-G5653 Datasheet
29Kb / 1P
Power Switching Regulator
logo
New Japan Radio
NJM2352D NJRC-NJM2352D Datasheet
286Kb / 16P
LOW POWER SWITCHING REGULATOR
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
IK Semicon Co., Ltd
IK8001 IKSEMICON-IK8001 Datasheet
1Mb / 21P
One-chip Multifunction Voltage Regulator
IK8006 IKSEMICON-IK8006 Datasheet
1Mb / 40P
One-chip Multifunction Voltage Regulator
logo
List of Unclassifed Man...
STR-S6307 ETC1-STR-S6307 Datasheet
280Kb / 3P
Power Regulator
CR2020 ETC1-CR2020 Datasheet
1Mb / 40P
Reactive Power Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com