Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR604B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSR604B
Description  POWER REGULATOR CHIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSR604B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSR604B Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR604B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNITED AUTOMATION LIMITED
1 Southport Business Park
Tel (01704)-565713
Southport, PR8 4HQ, U.K.
Fax (01704)-569760
Page No 2 of 2 Issue 2
17/07/98
ORDER CODE: State part number: CSR ‘A’ OR ‘B’ + (Load rating) and (Supply voltage)
Optional extras include: Knob, Dial, Heatsink compound.
RECOMMENDATION
Other documents available on request, which may be appropriate for your applications.
CODE
IDENTITY
DESCRIPTION
X10229
RFI
Filtering recommendations - addressing the EMC Directive
X10213
ITA
Interaction, uses for phase angle and for burst fire control.
X10255
SRA
Safety requirements - addressing the Low Voltage Directive (LVD)
including :- Thermal data /cooling ; “Live” parts warning & Earthing
requirements; Fusing recommendations.
AP02/4
COS
UAL Conditions of sale
NOTE
It is recommended that installation and maintenance of this equipment should be done with
reference to the
current edition of the I.E.E. wiring regulations (BS7671) by suitably qualified/trained
personnel. The regulations contain important requirements regarding safety of electrical equipment. (For
International standards refer to I.E.C directive IEC 950).
CE MARKING
This product family carries a “CE marking”. These phase angle type controllers require a suitable remote filter.
For information see recommendation section and contact our sales desk. (See Declaration of Conformity).
FUSING:
It is recommended to use semiconductor (fast acting) type fuses or circuit breakers (Semiconductor
- MCB) for unit protection. (See SRA Datasheet for further information).
SPECIFICATIONS
UNIT
CSR
CSR
CSR
CSR
CSR
CSR
604A
604B
1004A
1004B
1504A
1504B
RMS max. On state current
A
6
6
10
10
15
15
Peak one cycle surge current
A
100
100
120
120
150
150
Maximum off leakage current
mA
------------------------------- 2 ---------------------------
Minimum holding load current
mA
------------------------------- 30 --------------------------
RMS input voltage +/- 10% @ 50/60 Hz
V
---------------------------- 110/230 ----------------------
Repetitive peak voltage
V
------------------------------ 400 -------------------------
Total conduction phase angle (typical)
degrees
---------------------------- 0 to 160
° ---------------------
Controlled phase angle (typical)
degrees
--------------------------- 30 to 160
° ---------------------
Power
transfer
at
max.
Current
(efficiency)
%
------------------------------ 99 ---------------------------
Tab surface operating range
ºC
--------------------------- 0 to + 70 -----------------------
Storage temperature
ºC
--------------------------- 0 to + 75 -----------------------
Insulation withstand capability
V
----------------------- 1500 for 1 min. ---------------------
--
INSTALLATION
CONNECTIONS
COOLING REQUIREMENTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com