Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTIL113 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTIL113
Description  6-Pin DIP Optoisolators Darlington Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTIL113 Datasheet(HTML) 2 Page - Motorola, Inc

  MTIL113 Datasheet HTML 1Page - Motorola, Inc MTIL113 Datasheet HTML 2Page - Motorola, Inc MTIL113 Datasheet HTML 3Page - Motorola, Inc MTIL113 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MTIL113
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Reverse Leakage Current (VR = 3 V, RL = 1 M ohms)
IR
—
0.05
100
µA
Forward Voltage (IF = 10 mA)
VF
—
1.34
1.5
Volts
Capacitance (VR = 0 V, f = 1 MHz)
C
—
1.8
—
pF
OUTPUT DETECTOR (TA = 25°C and IF = 0, unless otherwise noted)
Collector–Emitter Dark Current
(VCE = 10 V, Base Open)
ICEO
—
—
100
nA
Collector–Base Breakdown Voltage
(IC = 100 µA, IE = 0)
V(BR)CBO
30
—
—
Volts
Collector–Emitter Breakdown Voltage
(IC = 100 µA, IB = 0)
V(BR)CEO
30
—
—
Volts
Emitter–Collector Breakdown Voltage
(IE = 100 µA, IB = 0)
V(BR)ECO
5
—
—
Volts
DC Current Gain
(VCE = 5 V, IC = 500 µA)
hFE
—
16K
—
—
COUPLED (TA = 25°C unless otherwise noted)
Collector Output Current (3)
(VCE = 1 V, IF = 10 mA)
IC (CTR)(2)
30 (300)
—
—
mA (%)
Isolation Surge Voltage(4,5)
(60 Hz ac Peak, 1 Second)
VISO
7500
—
—
Vac(pk)
Isolation Resistance(4)
(V = 500 V)
RISO
—
1011
—
Ohms
Collector–Emitter Saturation Voltage(3)
(IC = 2 mA, IF = 8 mA)
VCE(sat)
—
—
1.25
Volts
Isolation Capacitance(4)
(V = 0 V, f = 1 MHz)
CISO
—
0.2
—
pF
Turn–On Time(6)
(IC = 50 mA, IF = 200 mA, VCC = 10 V)
ton
—
0.6
5
µs
Turn–Off Time(6)
(IC = 50 mA, IF = 200 mA, VCC = 10 V)
toff
—
45
100
µs
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. Pulse Test: Pulse Width = 300
µs, Duty Cycle p 2%.
4. For this test, Pins 1 and 2 are common and Pins 4, 5 and 6 are common.
5. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating.
6. For test circuit setup and waveforms, refer to Figures 8 and 9.
Figure 1. Forward Voltage versus Forward Current
Figure 2. Normalized Non–Saturated and
Saturated CTRce versus LED Current
10
0.1
IF, FORWARD CURRENT (mA)
1.4
1.3
1.1
1.2
1.0
0.9
0.8
0.7
1.0
TA = –55°C
TA = 25°C
TA = 100°C
10
100
0.1
IF, LED CURRENT (mA)
1.2
0.8
0.4
0
1.0
1000
1.0
0.6
0.2
VCE = 5.0 V
VCE = 1.0 V
NORMALIZED TO:
VCE = 5.0 V
IF = 10 mA
TA = 25°C
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com